Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX147AMJP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX147AMJP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147AMJP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX147AMJP Datasheet HTML 4Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 5Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 6Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 7Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 8Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 9Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 10Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 11Page - Maxim Integrated Products MAX147AMJP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
8
_______________________________________________________________________________________
NAME
FUNCTION
1–8
CH0–CH7
Sampling Analog Inputs
PIN
9
COM
Ground reference for analog inputs. COM sets zero-code voltage in single-ended mode. Must be
stable to ±0.5LSB.
10
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX146/MAX147 down; otherwise, they are
fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compensation mode.
Letting SHDN float puts the reference-buffer amplifier in external compensation mode.
15
DOUT
Serial Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
14
DGND
Digital Ground
13
AGND
Analog Ground
11
VREF
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion.
In internal reference mode (MAX146 only), the reference buffer provides a 2.500V nominal output,
externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling
REFADJ to VDD.
19
SCLK
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60%.)
18
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is
high impedance.
17
DIN
Serial Data Input. Data is clocked in at SCLK’s rising edge.
16
SSTRB
Serial Strobe Output. In internal clock mode, SSTRB goes low when the MAX146/MAX147 begin the
A/D conversion, and goes high when the conversion is finished. In external clock mode, SSTRB pulses
high for one clock period before the MSB decision. High impedance when CS is high (external clock
mode).
______________________________________________________________Pin Description
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
12
REFADJ
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD.
20
VDD
Positive Supply Voltage


Similar Part No. - MAX147AMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470 MAXIM-MAX1470 Datasheet
284Kb / 6P
   MAX1470 Evaluation Kit
Rev 1; 12/02
MAX1470EU MAXIM-MAX1470EU Datasheet
1Mb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
2014
MAX1470EUI MAXIM-MAX1470EUI Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470EVKIT MAXIM-MAX1470EVKIT Datasheet
316Kb / 6P
   Proven Components Parts List
Rev 1; 12/02
More results

Similar Description - MAX147AMJP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com