Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX152CWP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX152CWP
Description  3V, 8-Bit ADC with 1uA Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152CWP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX152CWP Datasheet HTML 4Page - Maxim Integrated Products MAX152CWP Datasheet HTML 5Page - Maxim Integrated Products MAX152CWP Datasheet HTML 6Page - Maxim Integrated Products MAX152CWP Datasheet HTML 7Page - Maxim Integrated Products MAX152CWP Datasheet HTML 8Page - Maxim Integrated Products MAX152CWP Datasheet HTML 9Page - Maxim Integrated Products MAX152CWP Datasheet HTML 10Page - Maxim Integrated Products MAX152CWP Datasheet HTML 11Page - Maxim Integrated Products MAX152CWP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Conversion Rate
The maximum sampling rate (fmax) for the MAX152 is
achieved in the WR-RD mode (tRD < tINTL) and is cal-
culated as follows:
Signal-to-Noise Ratio and Effective
Number of Bits
Signal-to-noise plus distortion ratio (SINAD) is the ratio
of the fundamental input frequency's RMS amplitude to
the RMS amplitude of all other ADC output signals. The
output band is limited to frequencies above DC and
below one-half the ADC sample rate.
The theoretical minimum A/D noise is caused by quan-
tization error, and results directly from the ADC's reso-
lution: SNR = (6.02N + 1.76)dB, where N is the number
of bits of resolution. Therefore, a perfect 8-bit ADC can
do no better than 50dB.
The FFT plot (
Typical Operation Characteristics) shows
the result of sampling a pure 30.27kHz sinusoid at a
400kHz rate. This FFT plot of the output shows the out-
put level in various spectral bands.
The effective resolution, or "effective number of bits,"
the ADC provides can be measured by transposing the
equation that converts resolution to SNR: N = (SINAD -
1.76)/6.02 (see
Typical Operating Characteristics).
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal (in the frequen-
cy band above DC and below one-half the sample rate)
to the fundamental itself. This is expressed as:
where V1 is the fundamental RMS amplitude, and V2 to
VN are the amplitudes of the 2nd through Nth harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range is the ratio of the funda-
mental RMS amplitude to the amplitude of the next
largest spectral component (in the frequency band
above DC and below one-half the sample rate).
Usually the next largest spectral component occurs at
some harmonic of the input frequency. However, if the
ADC is exceptionally linear, it may occur only at a ran-
dom peak in the ADC's noise floor. See "Signal to Noise
Ratio" plot in
Typical Operating Characteristics.
THD
20 log
(V2
2
V3
2
V4
2
VN
2
)
V1
=
+++
+
L
f
1
tt
t
t
e.g. at T
25 C, V
3.0V :
fmax
1
600ns 800ns
300ns 450ns
f
465kHz
where t
Write pulse width
t
Delay between WR and RD pulses
t
= RD to INT delay
t
= Delay time between conversons.
max
WR
RD
RI
P
ADD
max
WR
RD
RI
P
=
++
+
=+ °
= +
=
++
+
=
=
=
+3V, 8-Bit ADC with 1µA Power-Down
10
______________________________________________________________________________________


Similar Part No. - MAX152CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522 Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX1522 MAXIM-MAX1522 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522-MAX1524 MAXIM-MAX1522-MAX1524 Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX1522EUT+T MAXIM-MAX1522EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EUT-T MAXIM-MAX1522EUT-T Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
More results

Similar Description - MAX152CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
logo
Linear Technology
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com