Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX152CPP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX152CPP
Description  3V, 8-Bit ADC with 1uA Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX152CPP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX152CPP Datasheet HTML 1Page - Maxim Integrated Products MAX152CPP Datasheet HTML 2Page - Maxim Integrated Products MAX152CPP Datasheet HTML 3Page - Maxim Integrated Products MAX152CPP Datasheet HTML 4Page - Maxim Integrated Products MAX152CPP Datasheet HTML 5Page - Maxim Integrated Products MAX152CPP Datasheet HTML 6Page - Maxim Integrated Products MAX152CPP Datasheet HTML 7Page - Maxim Integrated Products MAX152CPP Datasheet HTML 8Page - Maxim Integrated Products MAX152CPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
_________________________________________________________________________________________
+3V, 8-Bit ADC with 1µA Power-Down
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MAX152C/E
TA = TMIN to TMAX
MIN
MAX
MAX152M
TA = TMIN to TMAX
MIN
MAX
UNITS
WR Pulse Width
tWR
0.6
10
0.66
10
0.8
10
µs
Delay Time Between
WR and RD Pulses
tRD
0.8
0.9
1.0
µs
RD Pulse Width
tREAD1
400
500
600
ns
tACC1
400
500
600
ns
RD to INT Delay
tRI
300
340
400
ns
tCWR
tRD < tINTL,
CL = 100pF
1.8
2.06
2.4
µs
Conversion Time
(RD Mode)
tCRD
2.0
2.3
2.6
µs
Power-Up Time
tUP
0.9
1.2
1.4
µs
CS to RD,WR
Setup Time
tCSS
0
0
0
ns
CS to RD,WR
Hold Time
tCSH
0
0
0
ns
CS to RDY
Delay
tRDY
CL = 50pF,
RL = 5.1kΩ to VDD
100
120
140
ns
WR to INT Delay
tINTL
CL = 50pF
0.7
1.45
1.6
1.8
RD Pulse Width
tREAD2
WR-RD mode,
tRD > tINTL,
determined by tACC2
(Figure 5)
180
220
250
ns
Data Access Time
(Note 7)
tACC2
180
220
250
ns
WR to INT Delay
tIHWR
180
200
240
ns
Data Access Time
After
INT (Note 7)
tID
Stand-alone mode,
CL = 100pF
100
130
150
ns
Data Access Time
(RD Mode) (Note 7)
tACC0
CL = 100pF
tCRD
+100
tCRD
+150
ns
RD to INT Delay
(RD Mode)
tINTH
CL = 50pF
100
160
170
180
ns
Data Hold Time
(Note 8)
tDH
100
130
150
ns
tP
450
600
700
ns
ALL GRADES
TA = +25°C
MIN
TYP
MAX
Conversion Time
(WR-RD Mode)
Delay Time Between
Conversions
Data Access Time
(Note 7)
WR-RD mode,
determined by tACC1
(Figure 6)
WR-RD mode,
tRD < tINTL, CL = 100pF
(Figure 6)
WR-RD mode,
tRD < tINTL , CL = 100pF
(Figure 5)
tCRD
+130
µs
TIMING CHARACTERISTICS
(Unipolar input range, VDD = 3V, VSS = 0V, TA = +25°C, unless otherwise noted.) (Note 6)
Note 6: Input control signals are specified with tr = tf = 5ns, 10% to 90% of +3.0V, and timed from a voltage level of 1.3V. Timing
delays get shorter at higher supply voltages. See the Converson Time vs. Supply Voltage graph in the
Typical Operating
Characteristics to extrapolate timing delays at other power-supply voltages.
Note 7: See Figure 1 for load circuit. Parameter defined as the time required for the output to cross 0.66V or 2.0V.
Note 8: See Figure 2 for load circuit. Parameter defined as the time required for the data lines to change 0.5V.
Stand-alone mode,
CL = 50pF


Similar Part No. - MAX152CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522 Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX1522 MAXIM-MAX1522 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1522-MAX1524 MAXIM-MAX1522-MAX1524 Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
MAX1522EUT+T MAXIM-MAX1522EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1522EUT-T MAXIM-MAX1522EUT-T Datasheet
194Kb / 14P
   Simple SOT23 Boost Controllers
19-1926; Rev 0; 2/01
More results

Similar Description - MAX152CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
logo
Linear Technology
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com