Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2803PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML2803PBF
Description  ULTRA LOW ON RESISFANCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2803PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML2803PBF Datasheet HTML 1Page - International Rectifier IRLML2803PBF Datasheet HTML 2Page - International Rectifier IRLML2803PBF Datasheet HTML 3Page - International Rectifier IRLML2803PBF Datasheet HTML 4Page - International Rectifier IRLML2803PBF Datasheet HTML 5Page - International Rectifier IRLML2803PBF Datasheet HTML 6Page - International Rectifier IRLML2803PBF Datasheet HTML 7Page - International Rectifier IRLML2803PBF Datasheet HTML 8Page - International Rectifier IRLML2803PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Fifth Generation HEXFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-
resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET
Power MOSFETs are well known for, provides the designer with
anextremelyefficientandreliabledeviceforuseinawidevariety
ofapplications.
Acustomizedleadframehasbeenincorporatedintothestandard
SOT-23 package to produce a HEXFET Power MOSFET with
the industry's smallest footprint. This package, dubbed the
Micro3, is ideal for applications where printed circuit board
space is at a premium. The low profile (<1.1mm) of the Micro3
allowsittofiteasilyintoextremelythinapplicationenvironments
such as portable electronics and PCMCIA cards.
VDSS = 30V
RDS(on) = 0.25Ω
HEXFET® Power MOSFET
Description
l
Generation V Technology
l
Ultra Low On-Resistance
l
N-ChannelMOSFET
l
SOT-23Footprint
l
Low Profile (<1.1mm)
l
Available in Tape and Reel
l
Fast Switching
l
Lead-Free
l
RoHS Compliant, Halogen-Free
Absolute Maximum Ratings
Parameter
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
mW
Linear Derating Factor
mW/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
g
mJ
dv/dt
Peak diode Recovery dv/dt
d
V/ns
TJ ,TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
f
–––
230
°C/W
3.9
A
5.0
540
4.3
±20
Max.
1.2
0.93
7.3
-55 to + 150
D
S
G
3
1
2
Micro3
IRLML2803PbF
Form
Quantity
IRLML2803TRPbF
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML2803TRPbF
Package Type
Standard Pack
Orderable Part Number
Base Part Number
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 24, 2014


Similar Part No. - IRLML2803PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2803PBF IRF-IRLML2803PBF Datasheet
296Kb / 9P
   HEXFET Power MOSFET
IRLML2803PBF-1 IRF-IRLML2803PBF-1 Datasheet
247Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML2803PBF-1 IRF-IRLML2803PBF-1_15 Datasheet
247Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLML2803PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302PBF IRF-IRLML6302PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML2402PBF IRF-IRLML2402PBF_15 Datasheet
254Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
logo
Kersemi Electronic Co.,...
IRFR024NTRL KERSEMI-IRFR024NTRL Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU3910 KERSEMI-IRFU3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Vishay Siliconix
IRF7705PBF VISHAY-IRF7705PBF Datasheet
239Kb / 8P
   Ultra Low On-Resistance
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_14 Datasheet
581Kb / 8P
   ULTRA LOW ON RESISTANCE
logo
International Rectifier
IRF7755PBF IRF-IRF7755PBF Datasheet
243Kb / 8P
   Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com