Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2402PBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML2402PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRLML2402PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLML2402PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
D
S
G
3
1
2
Micro3
™(SOT-23)
IRLML2402PbF-1
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
230
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
1.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
0.95
A
IDM
Pulsed Drain Current 
7.4
PD @TA = 25°C
Power Dissipation
540
mW
Linear Derating Factor
4.3
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Features
Benefits
Industry-standard pinout SOT-23 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
Form
Quantity
IRLML2402TRPbF-1
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML2402TRPbF-1
Package Type
Standard Pack
Orderable Part Number
Base Part Number
VDS
20
V
RDS(on) max
(@VGS = 4.5V)
0.25
Qg (typical)
2.6
nC
ID
(@TA = 25°C)
1.2
A
Ω
1
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
October 28, 2014


Similar Part No. - IRLML2402PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2402PBF IRF-IRLML2402PBF Datasheet
192Kb / 8P
   HEXFET Power MOSFET
IRLML2402PBF IRF-IRLML2402PBF Datasheet
254Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML2402PBF IRF-IRLML2402PBF_15 Datasheet
254Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

Similar Description - IRLML2402PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com