Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1508 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1508
Description  Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1508 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1508 Datasheet HTML 3Page - Maxim Integrated Products MAX1508 Datasheet HTML 4Page - Maxim Integrated Products MAX1508 Datasheet HTML 5Page - Maxim Integrated Products MAX1508 Datasheet HTML 6Page - Maxim Integrated Products MAX1508 Datasheet HTML 7Page - Maxim Integrated Products MAX1508 Datasheet HTML 8Page - Maxim Integrated Products MAX1508 Datasheet HTML 9Page - Maxim Integrated Products MAX1508 Datasheet HTML 10Page - Maxim Integrated Products MAX1508 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Linear Li+ Battery Charger with Integrated Pass FET,
Thermal Regulation, and ACOK in 3mm x 3mm TDFN
_______________________________________________________________________________________
9
MAX1508
MAX1508Y
MAX1508Z
1
µF
2.8k
IN
CHG
1
µF
4.2V Li+
BATT
EN (EN)
GND
SYSTEM
VL
ISET
AC/DC
ADAPTER
VI/O
VI/O
CHARGE-CURRENT MONITOR
LOW: CHARGE, HIGH: FULL OR OFF
ACOK
0.47
µF
( ) ARE FOR THE MAX1508Y ONLY
Figure 3. µP-Interfaced Li+ Battery Charger
MAX1508
MAX1508Y
MAX1508Z
1
µF
15.4k
4.3k
IN
CHG
1
µF
4.2V Li+
BATT
EN (EN)
N
GND
SYSTEM
VL
ACOK
ISET
USB PORT
VBUS
GND
D+
D-
VI/O
VI/O
HIGH: 435mA, LOW: 95mA
0.47
µF
( ) ARE FOR THE MAX1508Y ONLY
Figure 4. USB Battery Charger


Similar Part No. - MAX1508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1508ETA+T MAXIM-MAX1508ETA+T Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508ETA-T MAXIM-MAX1508ETA-T Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
More results

Similar Description - MAX1508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1507 MAXIM-MAX1507 Datasheet
220Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 1; 11/03
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX8808 MAXIM-MAX8808 Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Rev 0; 4/05
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
   30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com