Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML0030PBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML0030PBF-1
Description  Industry-standard pinout SOT-23 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML0030PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRLML0030PBF-1 Datasheet HTML 1Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 2Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 3Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 4Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 5Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 6Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 7Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 8Page - International Rectifier IRLML0030PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 2
Micro3TM(SOT-23)
D
S
G
3
1
2
VDS
30
V
VGS Max
± 20
V
RDS(on) max
(@VGS = 10V)
27
m
Ω
RDS(on) max
(@VGS = 4.5V)
40
m
Ω
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
100
RθJA
Junction-to-Ambient (t<10s)
f
–––
99
Max.
5.3
4.3
-55 to + 150
± 20
0.01
30
1.3
0.8
21
W
°C/W
A
IRLML0030PbF-1
Form
Quantity
IRLML0030TRPbF-1
Micro3™ (SOT-23)
Tape and Reel
3000
IRLML0030TRPbF-1
Package Type
Standard Pack
Orderable Part Number
Base Part Number
Features
Benefits
Industry-standard pinout SOT-23 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 24, 2014


Similar Part No. - IRLML0030PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0030PBF IRF-IRLML0030PBF Datasheet
197Kb / 10P
   HEXFETPower MOSFET
IRLML0030PBF IRF-IRLML0030PBF Datasheet
197Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
IRLML0030PBF IRF-IRLML0030PBF_15 Datasheet
197Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLML0030PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
   Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
   Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
   Industry-standard SOT-23 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com