Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLL3303PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRLL3303PBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL3303PBF Datasheet(HTML) 3 Page - International Rectifier

  IRLL3303PBF_15 Datasheet HTML 1Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 2Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 3Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 4Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 5Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 6Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 7Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 8Page - International Rectifier IRLL3303PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLL3303PbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
1
10
100
0.1
1
1 0
20µs PU LS E W ID TH
T
= 2 5°C
A
J
DS
V
, D ra in -to -S o urc e V o ltag e (V )
3.0V
VGS
TO P
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOT TOM
3.0V
1
10
100
0.1
1
1 0
A
DS
V
, D rain-to-S ource V oltage (V )
20µ s P U LSE W ID T H
T = 15 0°C
J
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
1
10
100
3.0
3.5
4.0
4.5
5.0
5.5
T = 25°C
T = 150 ° C
J
J
GS
V
, G a te -to-S ourc e V o lta g e (V )
A
V
= 1 0 V
20 µ s PU LSE W ID T H
DS
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
J
T
, Junction T em perature (°C )
V
= 10 V
GS
A
I
= 4 .6A
D


Similar Part No. - IRLL3303PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL3303PBF IRF-IRLL3303PBF Datasheet
165Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRLL3303PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com