Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1484CUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1484CUB
Description  Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in uMAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1484CUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1484CUB Datasheet HTML 3Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 4Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 5Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 6Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 7Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 8Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 9Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 10Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PIN
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited,
12Mbps, RS-485/RS-422 Transceivers in µMAX Package
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
1
1
Receiver Output. When RE is low and if A - B
≥ 200mV, RO goes high; if A - B ≤
-200mV, RO goes low.
2
Half-/Full-Duplex Selector Input. Connect H/F to VCC for half-duplex mode, and
connect to GND for full-duplex mode.
2
Receiver Output Enable Input. Drive RE low to enable RO; RO is high impedance
when RE is high. For MAX1481 only, drive RE high and DE low to enter the low-
power shutdown mode.
3
3
Driver Output Enable Input. Drive DE high to enable driver outputs. These outputs
are high impedance when DE is low.
4
4
Driver Input. With DE high, a low on DI forces noninverting output low and invert-
ing output high. Similarly, a high on DI forces noninverting output high and invert-
ing output low.
5
5
Ground
6
6
Inverting Receiver Input
Receiver Input Resistors*
7
7
Inverting Driver Output
Inverting Driver Output and Inverting Receiver Input
8
8
Noninverting Driver Output
Noninverting Driver Output and Noninverting Receiver Input
9
9
Noninverting Receiver Input
Receiver Input Resistors*
10
10
Positive Supply; +4.75V
≤ VCC ≤ +5.25V
MAX1481/
MAX1484
1
RO
2
H/F
PIN
RE
3
DE
4
DI
5
GND
B
6
B
Z
7
Z
Y
8
Y
A
9
A
10
VCC
MAX1485/MAX1486
H/F = 0
FUNCTION
NAME
H/F = 1
*
(MAX1485/MAX1486 only) In half-duplex mode, the driver outputs serve as receiver inputs. The full-duplex receiver inputs (A and B)
will still have a 1/8-unit load, but are not connected to the receiver.


Similar Part No. - MAX1484CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484CUB MAXIM-MAX1484CUB Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
More results

Similar Description - MAX1484CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1481 MAXIM-MAX1481_V01 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com