Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1482 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1482
Description  20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1482 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1482 Datasheet HTML 4Page - Maxim Integrated Products MAX1482 Datasheet HTML 5Page - Maxim Integrated Products MAX1482 Datasheet HTML 6Page - Maxim Integrated Products MAX1482 Datasheet HTML 7Page - Maxim Integrated Products MAX1482 Datasheet HTML 8Page - Maxim Integrated Products MAX1482 Datasheet HTML 9Page - Maxim Integrated Products MAX1482 Datasheet HTML 10Page - Maxim Integrated Products MAX1482 Datasheet HTML 11Page - Maxim Integrated Products MAX1482 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Power Shutdown Mode
A low-power shutdown mode is initiated by bringing RE
high and DE low. The devices will not shut down unless
both the driver and receiver are disabled. In shut-
down, the devices typically draw only 0.1µA of supply
current.
RE and DE may be driven simultaneously; the parts are
guaranteed not to enter shutdown if RE is high and DE
is low for less than 50ns. If the inputs are in this state for
at least 600ns, the parts are guaranteed to enter shut-
down.
For the receiver, the tZH and tZL enable times assume
the part was not in the low-power shutdown state. The
tZH(SHDN) and tZL(SHDN) enable times assume the
parts were shut down (see
Electrical Characteristics).
It takes the receivers longer to become enabled from
the low-power shutdown state (tZH(SHDN), tZL(SHDN))
than from the operating mode (tZH, tZL). (The parts are
in operating mode if the RE , DE inputs equal a logical
0,1 or 1,1 or 0,0.)
Driver Output Protection
Excessive output current and power dissipation caused
by faults or by bus contention are prevented by two
mechanisms. A foldback current limit on the output
stage provides immediate protection against short cir-
cuits over the whole common-mode voltage range (see
Typical Operating Characteristics). In addition, a ther-
mal shutdown circuit forces the driver outputs into a
high-impedance state if the die temperature rises
excessively.
Propagation Delay
Digital encoding schemes depend on the driver and
receiver skew. Skew is defined as the difference
between the rising and falling propagation delay times.
Typical propagation delays are shown in Figures 11
and 12 using Figure 10’s test circuit.
The difference in receiver delay times, | tPLH - tPHL |, is
typically under 160ns.
The driver skew times are typically 160ns (800ns max).
20µA, 18-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
_______________________________________________________________________________________
9
RO
5V/div
B
A
500mV/div
500ns/div
RO
5V/div
A
B
500mV/div
500ns/div
Figure 11. Receiver tPHL
Figure 12. Receiver tPLH


Similar Part No. - MAX1482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482 Datasheet
595Kb / 14P
   20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Rev 1; 5/06
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14820 MAXIM-MAX14820 Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
MAX14820ETG++ MAXIM-MAX14820ETG+ Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
More results

Similar Description - MAX1482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482_06 Datasheet
595Kb / 14P
   20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Rev 1; 5/06
logo
Analog Devices
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com