Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX146BEPP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX146BEPP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX146BEPP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX146BEPP Datasheet HTML 2Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 3Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 4Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 5Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 6Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 7Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 8Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 9Page - Maxim Integrated Products MAX146BEPP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
6
_______________________________________________________________________________________
2.00
0.50
2.25
2.75
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
1.75
1.25
1.50
1.00
0.75
SUPPLY VOLTAGE (V)
3.75
5.25
3.25
4.25
4.75
RL = ∞
CODE = 101010100000
CLOAD = 50pF
MAX147
MAX146
CLOAD = 20pF
3.5
3.0
0
2.25
2.75
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
2.5
2.0
1.5
1.0
0.5
VDD (V)
3.75
5.25
3.25
4.25
4.75
FULL POWER-DOWN
2.5020
2.4990
2.25
2.75
MAX146
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
2.5015
2.5005
2.5010
2.5000
2.4995
VDD (V)
3.75
5.25
3.25
4.25
4.75
0.8
0.9
1.0
1.1
1.2
1.3
-60
-20
20
60
100
140
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX147
MAX146
RLOAD = ∞
CODE = 101010100000
0
10
20
30
40
50
60
70
FFT PLOT
FREQUENCY (kHz)
-120
-100
-80
-60
-40
-20
0
20
VDD = 2.7V
fIN = 10kHz
fSAMPLE = 133kHz
0
0.4
0.8
1.2
1.6
2.0
-60
-20
20
60
100
140
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
-60
-20
20
60
100
140
MAX146
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.6V
11.0
11.2
11.4
11.6
11.8
12.0
1
10
100
EFFECTIVE NUMBER OF BITS
vs. FREQUENCY
FREQUENCY (kHz)
VDD = 2.7V
____________________________Typical Operating Characteristics (continued)
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX146BEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
   Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14600 MAXIM-MAX14600 Datasheet
1Mb / 16P
   USB Host Charger Identification/ Adapter Emulators
2016
MAX14600ET MAXIM-MAX14600ET Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
More results

Similar Description - MAX146BEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com