Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV23 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV23
Description  Dual high-voltage switching diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV23 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV23_15 Datasheet HTML 1Page - NXP Semiconductors BAV23_15 Datasheet HTML 2Page - NXP Semiconductors BAV23_15 Datasheet HTML 3Page - NXP Semiconductors BAV23_15 Datasheet HTML 4Page - NXP Semiconductors BAV23_15 Datasheet HTML 5Page - NXP Semiconductors BAV23_15 Datasheet HTML 6Page - NXP Semiconductors BAV23_15 Datasheet HTML 7Page - NXP Semiconductors BAV23_15 Datasheet HTML 8Page - NXP Semiconductors BAV23_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 19 March 2010
3 of 13
NXP Semiconductors
BAV23 series
Dual high-voltage switching diodes
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV23A
-
plastic surface-mounted package; 3 leads
SOT23
BAV23C
BAV23S
BAV23
-
plastic surface-mounted package; 4 leads
SOT143B
Table 5.
Marking codes
Type number
Marking code[1]
BAV23A
*V0
BAV23C
*V9
BAV23S
*V5
BAV23
*L3
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-250
V
VR
reverse voltage
-
200
V
IF
forward current
[1] -225
mA
[2] -125
mA
IFRM
repetitive peak forward
current
-625
mA
IFSM
non-repetitive peak forward
current
square wave
[3]
tp =1 s-
9
A
tp = 100 s-
3
A
tp =10ms
-
1.7
A


Similar Part No. - BAV23_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23_15 Datasheet
399Kb / 2P
   Plastic Encapsulated Schottky Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23_15 Datasheet
316Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAV23_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAV23A-Q NEXPERIA-BAV23A-Q Datasheet
208Kb / 10P
   Dual high-voltage switching diodes
4 April 2022
logo
NXP Semiconductors
BAV23S-215 NXP-BAV23S-215 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23S-Q NEXPERIA-BAV23S-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
logo
Comchip Technology
ABAV23A-HF COMCHIP-ABAV23A-HF Datasheet
547Kb / 4P
   Dual High-Voltage Switching Diodes
REV:A
logo
Nexperia B.V. All right...
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
BAV23C NEXPERIA-BAV23C Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
   Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23-Q NEXPERIA-BAV23-Q Datasheet
214Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23C-Q NEXPERIA-BAV23C-Q Datasheet
206Kb / 10P
   Dual high-voltage switching diodes
2 February 2022
BAV23A NEXPERIA-BAV23A Datasheet
665Kb / 9P
   Dual high-voltage switching diodes
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com