Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP68 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BCP68
Description  20 V, 2 A NPN medium power transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BCP68_15 Datasheet HTML 2Page - NXP Semiconductors BCP68_15 Datasheet HTML 3Page - NXP Semiconductors BCP68_15 Datasheet HTML 4Page - NXP Semiconductors BCP68_15 Datasheet HTML 5Page - NXP Semiconductors BCP68_15 Datasheet HTML 6Page - NXP Semiconductors BCP68_15 Datasheet HTML 7Page - NXP Semiconductors BCP68_15 Datasheet HTML 8Page - NXP Semiconductors BCP68_15 Datasheet HTML 9Page - NXP Semiconductors BCP68_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
6 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[4]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated, mounting pad for collector 1 cm2.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
BCP68
[1] --
192
K/W
[2] --
125
K/W
[3] --
93
K/W
BC868
[1] --
250
K/W
[2] --
132
K/W
[3] --
93
K/W
BC68PA
[1] --
298
K/W
[2] --
151
K/W
[3] --
114
K/W
[4] --
154
K/W
[5] --
76
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BCP68
-
-
16
K/W
BC868
-
-
16
K/W
BC68PA
-
-
20
K/W


Similar Part No. - BCP68_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68_15 Datasheet
811Kb / 2P
   NPN Transistors
logo
Unisonic Technologies
BCP68 UTC-BCP68_15 Datasheet
182Kb / 3P
   NPN MEDIUM POWER TRANSISTOR
More results

Similar Description - BCP68_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
   20 V, 2 A NPN medium power transistors
BCP68-Q_SER NEXPERIA-BCP68-Q_SER Datasheet
244Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Nexperia B.V. All right...
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
   20 V, 2 A PNP medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com