Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM847BV Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCM847BV
Description  NPN/NPN matched double transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM847BV Datasheet(HTML) 1 Page - NXP Semiconductors

  BCM847BV_15 Datasheet HTML 1Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 2Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 3Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 4Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 5Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 6Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 7Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 8Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
NPN/NPN matched double transistors in small Surface-Mounted Device (SMD) plastic
packages. The transistors are fully isolated internally.
1.2 Features
I Current gain matching
I Base-emitter voltage matching
I Drop-in replacement for standard double transistors
1.3 Applications
I Current mirror
I Differential amplifier
1.4 Quick reference data
BCM847BV; BCM847BS;
BCM847DS
NPN/NPN matched double transistors
Rev. 06 — 28 August 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP/PNP
complement
Matched version of
NXP
JEITA
BCM847BV
SOT666
-
BCM857BV
BC847BV
BCM847BS
SOT363
SC-88
BCM857BS
BC847BS
BCM847DS
SOT457
SC-74
BCM857DS
-
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =5V;
IC =2mA
200
290
450


Similar Part No. - BCM847BV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM847BV NEXPERIA-BCM847BV Datasheet
226Kb / 9P
   NPN/NPN matched double transistor
27 December 2022
BCM847BV NEXPERIA-BCM847BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
More results

Similar Description - BCM847BV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
logo
NXP Semiconductors
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com