Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1457CCJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1457CCJ
Description  0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1457CCJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1457CCJ Datasheet HTML 2Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 3Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 4Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 5Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 6Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 7Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 8Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 9Page - Maxim Integrated Products MAX1457CCJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FSO Calibration
Two adjustments are required for FSO calibration. First
set the coarse gain by digitally selecting the PGA gain.
Then calibrate the bridge current by writing a 16-bit
calibration coefficient word to the FSO DAC. These two
adjustments result in a calibration resolution of ±0.2mV
(±0.005% FSO).
Linear Temperature Compensation
Temperature errors are compensated by writing 16-bit
calibration coefficients into the OFFSET TC DAC and
the FSO TC DAC (changing the current-source value
through resistive feedback from the FSOTCDAC pin to
the ISRC pin). The piezoresistive sensor is powered by
a current source resulting in a temperature-dependent
bridge voltage. The reference inputs of the OFFSET TC
DAC and FSO TC DAC are connected to the bridge
voltage. For a fixed digital word, the DAC output volt-
ages track the bridge voltage as it varies with tempera-
ture (quasi-linearly).
Multislope Temperature Compensation
The MAX1457 utilizes multislope temperature compen-
sation, allowing for compensation of arbitrary error
curves restricted only by the available adjustment
range and the shape of the temperature signal.
The MAX1457 offers a maximum of 120 calibration
points (each consisting of one OFFSET TC coefficient
and one FSO TC coefficient) over the operating temper-
ature range. Each 16-bit calibration coefficient provides
compensation of the output (either offset or FSO) with
±0.2mV (0.005% FSO) resolution. A 12-bit ADC mea-
sures the temperature-dependent bridge voltage
(BDRIVE) and selects (by addressing the EEPROM) the
corresponding offset and FSO calibration data within a
specific narrow temperature span (e.g.,
≅ 1°C). The
120-segment compensation enables the MAX1457 to
compensate temperature errors for a broad range of
sensors (Figure 2).
Calculate the correction coefficients by curve-fitting to
sensor-error test data. More test points allow for better
curve-fit accuracy but result in increased test over-
head. The remaining error is further affected by the
slope of the temperature errors. For example, correct-
ing a 6% nonlinearity over temperature with 60 seg-
ments (half of the available calibration points) with
perfect curve fitting yields an error on the order of 0.1%
(6%/60). Figure 3 illustrates this compensation.
0.1%-Accurate Signal Conditioner
for Piezoresistive Sensor Compensation
6
_______________________________________________________________________________________
PRESSURE
PRESSURE
PRESSURE
TEMPERATURE
a) UNCOMPENSATED SENSOR ERROR
SMALL
NONLINEARITY ERROR
TEMPERATURE
b) RESULTANT ERROR AFTER LINEAR COMPENSATION
SMALL
NONLINEARITY ERROR
TEMPERATURE
c) RESULTANT ERROR AFTER MULTISLOPE COMPENSATION
Figure 3. Multislope Temperature Compensation


Similar Part No. - MAX1457CCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14570EZT+T MAXIM-MAX14570EZT+T Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14571 MAXIM-MAX14571 Datasheet
605Kb / 11P
   6V to 36V Operating Voltage Range
Rev 0; 8/13
More results

Similar Description - MAX1457CCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
   SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
Maxim Integrated Produc...
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
   1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
   Piezoresistive Sensor Signal Interface IC
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com