Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1458 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1458
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1458 Datasheet HTML 1Page - Maxim Integrated Products MAX1458 Datasheet HTML 2Page - Maxim Integrated Products MAX1458 Datasheet HTML 3Page - Maxim Integrated Products MAX1458 Datasheet HTML 4Page - Maxim Integrated Products MAX1458 Datasheet HTML 5Page - Maxim Integrated Products MAX1458 Datasheet HTML 6Page - Maxim Integrated Products MAX1458 Datasheet HTML 7Page - Maxim Integrated Products MAX1458 Datasheet HTML 8Page - Maxim Integrated Products MAX1458 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
_______________Detailed Description
The MAX1458 provides an analog amplification path for
the sensor signal. Calibration and temperature com-
pensation are achieved by varying the offset and gain
of a programmable-gain amplifier (PGA) and by varying
the sensor bridge current. The PGA uses a switched-
capacitor CMOS technology, with an input-referred
coarse offset trimming range of approximately ±63mV
(9mV steps). An additional output-referred fine offset
trim is provided by the Offset DAC (approximately
2.8mV steps). The PGA provides eight gain values from
+41V/V to +230V/V. The bridge current source is pro-
grammable from 0.1mA to 2mA.
The MAX1458 uses four 12-bit DACs and one 3-bit
DAC, with calibration coefficients stored by the user in
an internal 128-bit EEPROM. This memory contains the
following information as 12-bit-wide words:
• Configuration register
• Offset calibration coefficient
• Offset temperature error compensation coefficient
• FSO (full-span output) calibration coefficient
• FSO temperature error compensation coefficient
• 24 user-defined bits for customer programming of
manufacturing data (e.g., serial number and date)
Figure 1 shows a typical pressure-sensor output and
defines the offset, full-scale, and full-span output values
as a function of voltage.
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
4
_______________________________________________________________________________________
NAME
FUNCTION
1
SCLK
Data Clock Input. Used only during programming/testing. Internally pulled to VSS with a 1MΩ (typical) resis-
tor. Data is clocked in on the rising edge of the clock. The maximum SCLK frequency is 10kHz.
2
CS
Chip-Select Input. The MAX1458 is selected when this pin is high. When low, OUT and DIO become high
impedance. Internally pulled to VDD with a 1MΩ (typical) resistor. Leave unconnected for normal operation.
PIN
3, 11
I.C.
Internally Connected. Leave unconnected.
4
TEMP
Temperature Sensor Output. An internal temperature sensor (a 100k
Ω, 4600ppm/°C TC resistor) which can
provide a temperature-dependent voltage.
8
VSS
Negative Power-Supply Input
7
WE
Dual-Function Input Pin. Used to enable EEPROM erase/write operations. Also used to set the DAC refresh-
rate mode. Internally pulled to VDD with a 1MΩ (typical) resistor. Refer to the Chip-Select (CS) and Write-
Enable (WE) section.
6
DIO
Data Input/Output. Used only during programming/testing. Internally pulled to VSS with a 1MΩ (typical)
resistor. High impedance when CS is low.
5
FSOTC
Buffered FSOTC DAC Output. An internal 75k
Ω resistor (RFTC) connects FSOTC to ISRC (see Functional
Diagram). Optionally, external resistors can be used in place of or in parallel with RFTC and RISRC.
14
INP
Positive Sensor Input. Input impedance >1M
Ω. Rail-to-rail input range.
13
BDRIVE
Sensor Excitation Current Output. This current source drives the bridge.
12
INM
Negative Sensor Input. Input impedance >1M
Ω. Rail-to-rail input range.
10
OUT
PGA Output Voltage
9
ISRC
Current-Source Reference. An internal 75k
Ω resistor (RISRC) connects ISRC to VSS (see Functional
Diagram). Optionally, external resistors can be used in place of or in parallel with RFTC and RISRC.
Pin Description
16
LIMIT
Voltage Limit Input. This pin sets the maximum voltage at OUT. If left unconnected, the output voltage will be
limited to 4.6V (VDD = 5V). Connect to VDD for maximum output swing. The acceptable range is 4.5V ≤
VLIMIT ≤ VDD.
15
VDD
Positive Power-Supply Input. Connect a 0.1µF capacitor from VDD to VSS.


Similar Part No. - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVB MAXIM-MAX14585AEVB Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVBT MAXIM-MAX14585AEVBT Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVB MAXIM-MAX14585EVB Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVBT MAXIM-MAX14585EVBT Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
More results

Similar Description - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
   1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
   Digitally Trimmed Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com