Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX1452 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part No. MAX1452
Description  Low-Cost Precision Sensor Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 23 page
background image
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
23
VDD
VDD
VSS
VSS
EEPROM
(LOOKUP PLUS CONFIGURATION DATA)
VDD
VSS
VDD
VSS
FSO
DAC
UNLOCK
VDD
16-BIT
16-BIT
8-BIT
LOOKUP
ADDRESS
BANDGAP
TEMP
SENSOR
PGA
MUX
MUX
FSOTC REGISTER
ISRC
RSTC
75k
RISRC
75k
BDR
FSOTC
INP
INM
FSOTC
DAC
VSS
EEPROM ADDRESS
15EH + 15FH
000H + 001H
:
OFFSET DAC LOOKUP TABLE
(176 16-BITS)
CONFIGURATION REGISTER SHADOW
USAGE
19EH + 19FH
16CH + 16DH
:
USER STORAGE (52 BYTES)
2FEH + 2FFH
1A0H + 1A1H
:
FSO DAC LOOKUP TABLE
(176 16-BITS)
160H + 161H
RESERVED
162H + 163H
OFFSET TC REGISTER SHADOW
164H + 165H
RESERVED
166H + 167H
FSOTC REGISTER SHADOW
168H + 169H
CONTROL LOCATION REGISTER
16AH + 16BH
OFFSET
DAC
±1
±1
26
PHASE
REVERSAL
MUX
OUT
AMP-
AMPOUT
AMP+
PGA GAIN
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
9.0
8.5
PGA (3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1111
1110
TOTAL GAIN
39
52
65
78
91
104
117
130
143
156
169
182
195
208
234
221
IRO (3, 2:0)
OFFSET mV
63
54
45
36
27
18
9
0
0
-9
-18
-27
-36
-45
-63
-54
1,111
1,110
1,101
1,100
1,011
1,010
1,001
1,000
0,000
0,001
0,010
0,011
0,100
0,101
0,111
0,110
VSS
16-BIT
OFFSET
TC DAC
OTC REGISTER
INPUT REFERRED OFFSET
(COARSE OFFSET)
PROGRAMMABLE GAIN STAGE
UNCOMMITTED OP AMP
VALUE
VSS TO VDD
±20mV
VSS, VDD
±0.01V
VSS, VDD
±0.25V
10MHz TYPICAL
PARAMETER
I/P RANGE
I/P OFFSET
O/P RANGE
NO LOAD
1mA LOAD
UNITY GBW
PGA BANDWIDTH
≈ 3kHz ± 10%
16-BIT
*INPUT REFERRED
OFFSET VALUE IS
PROPORTIONAL TO VDD.
VALUES GIVEN ARE FOR
VDD = 5V.
VSS
PGA BANDWIDTH
3kHz
± 10%
VSS
TEST
CLK1M
VDDF
DIO
DIGITAL
INTERFACE
Detailed Block Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX1455Low-Cost Automotive Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products
ZMD31010RBicLite Low-Cost Sensor Signal Conditioner 1 2 3 4 Zentrum Mikroelektronik Dresden AG
ZMD31015Low-cost sensro signal conditioner with dignostics 1 2 Zentrum Mikroelektronik Dresden AG
ZMD31020Sensor Signal Conditioner 1 2 3 4 5 MoreZentrum Mikroelektronik Dresden AG
ZMD31030Automotive Sensor Signal Conditioner with LIN Interface 1 2 Zentrum Mikroelektronik Dresden AG
ZMD31035Automotive Sensor Signal Conditioner 1 2 Zentrum Mikroelektronik Dresden AG
ZMD31050Advanced Differential Sensor Signal Conditioner 1 2 3 4 5 MoreZentrum Mikroelektronik Dresden AG
ZMD31050DAdvanced Differential Sensor Signal Conditioner 1 2 3 4 5 MoreZentrum Mikroelektronik Dresden AG
ZMD31012Two low-cost sensor signal conditioners ZMD31010 chips in one package 1 2 Zentrum Mikroelektronik Dresden AG
MAX1450Low-Cost 1%-Accurate Signal Conditioner for Piezoresistive Sensors 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl