Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1452 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1452
Description  Low-Cost Precision Sensor Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1452 Datasheet HTML 16Page - Maxim Integrated Products MAX1452 Datasheet HTML 17Page - Maxim Integrated Products MAX1452 Datasheet HTML 18Page - Maxim Integrated Products MAX1452 Datasheet HTML 19Page - Maxim Integrated Products MAX1452 Datasheet HTML 20Page - Maxim Integrated Products MAX1452 Datasheet HTML 21Page - Maxim Integrated Products MAX1452 Datasheet HTML 22Page - Maxim Integrated Products MAX1452 Datasheet HTML 23Page - Maxim Integrated Products MAX1452 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
21
Table 13. ATIM Definition
ATIM[3:0]
DURATION OF ANALOG SIGNAL SPECIFIED IN BYTE TIMES (8-BIT TIME)
0000
2
0 + 1 = 2 byte times i.e. (2
8) / baud rate
0001
2
1 + 1 = 3 byte times
0010
2
2 + 1 = 5 byte times
0011
2
3 + 1 = 9 byte times
0100
2
4 + 1 = 17 byte times
0101
2
5 + 1 = 33 byte times
0110
2
6 + 1 = 65 byte times
0111
2
7 + 1 = 129 byte times
1000
2
8 + 1 = 257 byte times
1001
2
9 + 1 = 513 byte times
1010
2
10 + 1 = 1025 byte times
1011
2
11 + 1 = 2049 byte times
1100
2
12 + 1 = 4097 byte times
1101
2
13 + 1 = 8193 byte times
1110
2
14 + 1 = 16,385 byte times
1111
In this mode OUT is continuous, however DIO will accept commands after 32,769 byte times. Do not
parallel connect DIO to OUT.
Table 12. IRSP Decode
IRSP[3:0]
RETURNED VALUE
0000
DHR[7:0]
0001
DHR[15:8]
0010
IEEA[7:4], ICRA[3:0] concatenated
0011
CRIL[3:0], IRSP[3:0] concatenated
0100
ALOC[3:0], ATIM[3:0] concatenated
0101
IEEA[7:0] EEPROM address byte
0110
IEED[7:0] EEPROM data byte
0111
TEMP-Index[7:0]
1000
BitClock[7:0]
1001
Reserved. Internal flash test data.
1010-1111
11001010 (CAhex). This can be used to test communication.


Similar Part No. - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14521E MAXIM-MAX14521E Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
403Kb / 20P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 0; 2/09
MAX14521EETG++ MAXIM-MAX14521EETG+ Datasheet
1Mb / 21P
   Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
More results

Similar Description - MAX1452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com