Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1444EHJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1444EHJ
Description  10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1444EHJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1444EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX1444EHJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10-Bit, 40Msps, 3.0V, Low-Power
ADC with Internal Reference
_______________________________________________________________________________________
7
62
54
1
10
100
56
55
ANALOG INPUT FREQUENCY (MHz)
58
57
59
60
61
SIGNAL-TO-NOISE RATIO vs.
ANALOG INPUT FREQUENCY
SINGLE ENDED
DIFFERENTIAL
-45
-75
1
10
100
-70
ANALOG INPUT FREQUENCY (MHz)
-60
-65
-55
-50
TOTAL HARMONIC DISTORTION vs.
ANALOG INPUT FREQUENCY
SINGLE ENDED
DIFFERENTIAL
65
45
1
10
100
49
ANALOG INPUT FREQUENCY (MHz)
53
57
61
SIGNAL-TO-NOISE PLUS DISTORTION vs.
ANALOG INPUT FREQUENCY
SINGLE ENDED
DIFFERENTIAL
50
60
55
70
65
75
80
-15
-9
-12
-6
-3
0
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dB FS)
fIN = 19.91MHz
40
50
45
55
60
65
-15
-9
-12
-6
-3
0
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dB FS)
fIN = 19.91MHz
-80
-70
-75
-60
-65
-55
-50
-15
-9
-12
-6
-3
0
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dB FS)
fIN = 19.91MHz
40
50
45
55
60
65
-15
-9
-12
-6
-3
0
SIGNAL-TO-NOISE PLUS DISTORTION
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dB FS)
fIN = 19.91MHz
68
64
76
72
80
84
-40
10
-15
35
60
85
SPURIOUS-FREE DYNAMIC RANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
fIN = 19.91MHz
54
50
62
58
66
70
-40
10
-15
35
60
85
SIGNAL-TO-NOISE RATIO
vs. TEMPERATURE
TEMPERATURE (°C)
fIN = 19.91MHz
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 2.7V, internal reference, differential input at -0.5dB FS, fCLK = 40MHz, CL
≈ 10pF, TA = +25°C, unless other-
wise noted.)


Similar Part No. - MAX1444EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1444EHJ MAXIM-MAX1444EHJ Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1444EHJ/V++ MAXIM-MAX1444EHJ/V+ Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
More results

Similar Description - MAX1444EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com