Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1419ETN Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1419ETN
Description  15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1419ETN Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1419ETN Datasheet HTML 4Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 5Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 6Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 7Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 8Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 9Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 10Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 11Page - Maxim Integrated Products MAX1419ETN Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
15-Bit, 65Msps ADC with -79.3dBFS
Noise Floor for Baseband Applications
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 2, 3, 6, 9, 12, 14–17,
20, 23, 26, 27, 30, 52–56, EP
GND
Converter Ground. Analog, digital, and output driver grounds are internally
connected to the same potential. Connect the converter’s EP to GND.
4
CLKP
Differential Clock, Positive Input Terminal
5
CLKN
Differential Clock, Negative Input Terminal
7, 8, 18, 19, 21, 22, 24, 25, 28
AVCC
Analog Supply Voltage. Provide local bypassing to ground with 0.1µF to 0.22µF
capacitors.
10
INP
Differential Analog Input, Positive Terminal
11
INN
Differential Analog Input, Negative/Complementary Terminal
13
CM
Common-Mode Reference Terminal
29
DVCC
Digital Supply Voltage. Provide local bypassing to ground with 0.1µF to 0.22µF
capacitors.
31, 41, 42, 51
DRVCC
Digital Output Driver Supply Voltage. Provide local bypassing to ground with
0.1µF to 0.22µF capacitors.
32
DOR
Data Overrange Bit. This control line flags an overrange condition in the ADC.
If DOR transitions high, an overrange condition was detected. If DOR remains low,
the ADC operates within the allowable full-scale range.
33
D0
Digital CMOS Output Bit 0 (LSB)
34
D1
Digital CMOS Output Bit 1
35
D2
Digital CMOS Output Bit 2
36
D3
Digital CMOS Output Bit 3
37
D4
Digital CMOS Output Bit 4
38
D5
Digital CMOS Output Bit 5
39
D6
Digital CMOS Output Bit 6
40
D7
Digital CMOS Output Bit 7
43
D8
Digital CMOS Output Bit 8
44
D9
Digital CMOS Output Bit 9
45
D10
Digital CMOS Output Bit 10
46
D11
Digital CMOS Output Bit 11
47
D12
Digital CMOS Output Bit 12
48
D13
Digital CMOS Output Bit 13
49
D14
Digital CMOS Output Bit 14 (MSB)
50
DAV
Data Valid Output. This output can be used as a clock control line to drive an
external buffer or data-acquisition system. The typical delay time between the
falling edge of the converter clock and the rising edge of DAV is 6.5ns.


Similar Part No. - MAX1419ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1419ETN MAXIM-MAX1419ETN Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
More results

Similar Description - MAX1419ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com