Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW101S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAW101S
Description  High voltage double diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW101S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAW101S_15 Datasheet HTML 1Page - NXP Semiconductors BAW101S_15 Datasheet HTML 2Page - NXP Semiconductors BAW101S_15 Datasheet HTML 3Page - NXP Semiconductors BAW101S_15 Datasheet HTML 4Page - NXP Semiconductors BAW101S_15 Datasheet HTML 5Page - NXP Semiconductors BAW101S_15 Datasheet HTML 6Page - NXP Semiconductors BAW101S_15 Datasheet HTML 7Page - NXP Semiconductors BAW101S_15 Datasheet HTML 8Page - NXP Semiconductors BAW101S_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003 May 13
2
NXP Semiconductors
Product data sheet
High voltage double diode
BAW101S
FEATURES
• Small plastic SMD package
• High switching speed: max. 50 ns
• High continuous reverse voltage: 300 V
• Electrically insulated diodes.
APPLICATIONS
• High voltage switching
• Automotive
• Communication.
DESCRIPTION
The BAW101S is a high-speed switching diode array with
two separate dice, fabricated in planar technology and
encapsulated in a small SOT363 plastic SMD package.
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
∗ = W: Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BAW101S
K2
PIN
DESCRIPTION
1
anode 1
2
n.c.
3
cathode 2
4
anode 2
5
n.c.
6
cathode 1
handbook, halfpage
MBL892
Top view
13
2
4
5
6
13
2
6
4
5
Fig.1
Simplified outline (SOT363) and symbol.


Similar Part No. - BAW101S_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW101S DIODES-BAW101S_15 Datasheet
97Kb / 4P
   HIGH VOLTAGE DUAL SWITCHING DIODE
More results

Similar Description - BAW101S_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAW101S NEXPERIA-BAW101S Datasheet
225Kb / 9P
   High voltage double diode
1 October 2022
logo
NXP Semiconductors
BAW101S NXP-BAW101S Datasheet
128Kb / 9P
   High voltage double diode
2003 May 13
logo
Nexperia B.V. All right...
BAW101 NEXPERIA-BAW101 Datasheet
311Kb / 10P
   High voltage double diode
2003 May 13
logo
Guangdong Kexin Industr...
BAW101S KEXIN-BAW101S Datasheet
42Kb / 2P
   High Voltage Double Diode
logo
NXP Semiconductors
BAW101-215 PHILIPS-BAW101-215 Datasheet
136Kb / 9P
   High voltage double diode
2003 May 13
BAW101 PHILIPS-BAW101_15 Datasheet
136Kb / 9P
   High voltage double diode
2003 May 13
BAW101S PHILIPS-BAW101S Datasheet
72Kb / 10P
   High voltage double diode
2003 May 13
logo
Shenzhen Luguang Electr...
BAW101 LUGUANG-BAW101 Datasheet
160Kb / 5P
   High Voltage Double Diode
logo
Nexperia B.V. All right...
BAW101S-Q NEXPERIA-BAW101S-Q Datasheet
214Kb / 10P
   High voltage double diode
14 September 2021
logo
List of Unclassifed Man...
25Z6GT ETC2-25Z6GT Datasheet
107Kb / 2P
   TWIN DIODE HIGH VACUUM RECTIFIER VOLTAGE DOUBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com