Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1240-MAX1241 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1240-MAX1241
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1240-MAX1241 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1240-MAX1241 Datasheet HTML 1Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 2Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 3Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 4Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 5Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 6Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 7Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 8Page - Maxim Integrated Products MAX1240-MAX1241 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
__________________General Description
The MAX1240/MAX1241 are low-power, 12-bit analog-
to-digital converters (ADCs) available in 8-pin pack-
ages. The MAX1240 operates with a single +2.7V to
+3.6V supply, and the MAX1241 operates with a single
+2.7V to +5.25V supply. Both devices feature a 7.5µs
successive-approximation ADC, a fast track/hold
(1.5µs), an on-chip clock, and a high-speed, 3-wire ser-
ial interface.
Power consumption is only 37mW (VDD = 3V) at the
73ksps maximum sampling speed. A 2µA shutdown
mode reduces power at slower throughput rates.
The MAX1240 has an internal 2.5V reference, while the
MAX1241 requires an external reference. The MAX1241
accepts signals from 0V to VREF, and the reference
input range includes the positive supply rail. An exter-
nal clock accesses data from the 3-wire interface,
which connects directly to standard microcontroller I/O
ports. The interface is compatible with SPI™, QSPI™,
and MICROWIRE™.
Excellent AC characteristics and very low power com-
bined with ease of use and small package size make
these converters ideal for remote-sensor and data-
acquisition applications, or for other circuits with
demanding power consumption and space require-
ments. The MAX1240/MAX1241 are available in 8-pin
DIP and SO packages.
Applications
Battery-Powered Systems
Portable Data Logging
Isolated Data Acquisition
Process Control
Instrumentation
________________________________Features
o Single-Supply Operation:
+2.7V to +3.6V (MAX1240)
+2.7V to +5.25V (MAX1241)
o 12-Bit Resolution
o Internal 2.5V Reference (MAX1240)
o Small Footprint: 8-Pin DIP/SO Packages
o Low Power: 3.7µW (73ksps, MAX1240)
3mW (73ksps, MAX1241)
66µW (1ksps, MAX1241)
5µW (power-down mode)
o Internal Track/Hold
o SPI/QSPI/MICROWIRE 3-Wire Serial Interface
o Internal Clock
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
________________________________________________________________
Maxim Integrated Products
1
19-1155; Rev 2; 11/98
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
*
Dice are specified at TA = +25°C, DC parameters only.
TOP VIEW
1
2
3
4
8
7
6
5
SCLK
CS
DOUT
GND
REF
SHDN
AIN
VDD
DIP/SO
MAX1240
MAX1241
Pin Configuration
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
PART
MAX1240ACPA
MAX1240BCPA
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
8 Plastic DIP
8 Plastic DIP
INL
(LSB)
±1/2
±1
MAX1240ACSA
0°C to +70°C
8 SO
±1/2
MAX1240BC/D
0°C to +70°C
Dice*
±1
Ordering Information
EVALUATION
KIT
AVAILABLE
MAX1240BCSA
0°C to +70°C
8 SO
±1
Functional Diagram
7
AIN
T/H
DOUT
6
1
OUTPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
12-BIT
SAR
8
2
3
5
REF
4
SHDN
2.5V REFERENCE
(MAX1240 ONLY)
GND
SCLK
CS
MAX1240
MAX1241
VDD
MAX1240CCPA
0°C to +70°C
8 Plastic DIP
±1
MAX1240CCSA
0°C to +70°C
8 SO
±1


Similar Part No. - MAX1240-MAX1241

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240 MAXIM-MAX1240 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
1Mb / 8P
   Fully Assembled and Tested
Rev 2; 3/18
MAX1240ACPA++ MAXIM-MAX1240ACPA+ Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240ACPA++ MAXIM-MAX1240ACPA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1240-MAX1241

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com