Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-1160 Datasheet(PDF) 1 Page - Level One

Part # FCS-1160
Description  Zoom Network Camera
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-1160 Datasheet(HTML) 1 Page - Level One

  FCS-1160 Datasheet HTML 1Page - Level One FCS-1160 Datasheet HTML 2Page - Level One FCS-1160 Datasheet HTML 3Page - Level One FCS-1160 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FCS-1160 하드웨어 버전: 1
Mounting kits are to be ordered separately.
Zoom Network Camera, 5-Megapixel, PoE 802.3af, Day
& Night, 12x, WDR
Key Features
- 로컬 스토리지용 내장 Micro SDHC/SDXC 카드 슬롯
- 5-메가픽셀 (2592 x 1944) 고해상도
- Supports 12x optical zoom
- 매우 밝거나 어두운 환경에서도 잘 보이도록 하는 WDR(넓은 동적 범위) 기능
- 압축: H.264/MJPEG
- 주간 및 야간 영상 감시용 탈착식 IR-컷 필터
- 이중 전원 지원: 12VDC/PoE (IEEE 802.3af)
- 무료 64-채널 모니터링 서비스 포함(OneSecure App 지원)
www.level1.com
Page 1 of 4


Similar Part No. - FCS-1160

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1160 LVL1-FCS-1160 Datasheet
494Kb / 4P
   Zoom IP Network Camera, 5-Megapixel
FCS-1160 LVL1-FCS-1160_18 Datasheet
494Kb / 4P
   Zoom IP Network Camera, 5-Megapixel
More results

Similar Description - FCS-1160

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-5042 LVL1-FCS-5042 Datasheet
573Kb / 4P
   Zoom Network camera
FCS-5043 LVL1-FCS-5043 Datasheet
562Kb / 4P
   Zoom Network camera
FCS-5055 LVL1-FCS-5055 Datasheet
657Kb / 4P
   Zoom Network Camera
FCS-4201 LVL1-FCS-4201 Datasheet
520Kb / 4P
   Zoom Dome Network camera
FCS-4202 LVL1-FCS-4202 Datasheet
395Kb / 4P
   Zoom Dome Network camera
FCS-3303 LVL1-FCS-3303 Datasheet
220Kb / 3P
   Zoom Dome IP Network Camera
FCS-3304 LVL1-FCS-3304 Datasheet
244Kb / 3P
   Zoom Dome IP Network Camera
FCS-5065 LVL1-FCS-5065 Datasheet
646Kb / 4P
   Zoom Network Camera, 5-Megapixel
FCS-3097 LVL1-FCS-3097 Datasheet
370Kb / 4P
   Zoom Dome IP Network Camera
FCS-3098 LVL1-FCS-3098 Datasheet
370Kb / 4P
   Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com