Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-1160 Datasheet(PDF) 3 Page - Level One

Part # FCS-1160
Description  Zoom Network Camera
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-1160 Datasheet(HTML) 3 Page - Level One

  FCS-1160 Datasheet HTML 1Page - Level One FCS-1160 Datasheet HTML 2Page - Level One FCS-1160 Datasheet HTML 3Page - Level One FCS-1160 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General:
Backup: MicroSDHC /MicroSDXC card slot for local storage
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- AGC/AWB/AES
- Back Light Compensation (BLC)
- Wide Dynamic Range (WDR), Basic WDR (74 dB)
- 2D Noise Reduction (2DNR)
Streaming: Up to 2 video streams
Audio:
Streaming: 2-way audio
Input/Output: line input, line output
Performance
Data Transfer Rate:
10/100Mbps
Storage Capacity:
SD/MicroSD memory card of up to 64GB
Frame Rate:
15 fps at 2592 x 1944; 15 fps at 2048 x 1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 720; 30 fps at 640 x 480; 15 fps
at 320 x 240
Minimum illumination:
Color: 0.1 lux
B/W: 0.05 lux at F1.8
Environment
Temperature (°C):
Operating: -10°C ~ 50°C
Humidity (Non-condensing):
Operating: 10% ~ 85%
Physical Specifications
Dimensions (W x D x H mm):
81 x 176 x 71
Weight (g):
634 g
Others
Approval and Compliance:
CE, FCC, ONVIF
Deployment:
Wall/Ceiling Mount
Operation Systems:
Microsoft Windows 8/7/Vista/XP
www.level1.com
Page 3 of 4


Similar Part No. - FCS-1160

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1160 LVL1-FCS-1160 Datasheet
494Kb / 4P
   Zoom IP Network Camera, 5-Megapixel
FCS-1160 LVL1-FCS-1160_18 Datasheet
494Kb / 4P
   Zoom IP Network Camera, 5-Megapixel
More results

Similar Description - FCS-1160

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-5042 LVL1-FCS-5042 Datasheet
573Kb / 4P
   Zoom Network camera
FCS-5043 LVL1-FCS-5043 Datasheet
562Kb / 4P
   Zoom Network camera
FCS-5055 LVL1-FCS-5055 Datasheet
657Kb / 4P
   Zoom Network Camera
FCS-4201 LVL1-FCS-4201 Datasheet
520Kb / 4P
   Zoom Dome Network camera
FCS-4202 LVL1-FCS-4202 Datasheet
395Kb / 4P
   Zoom Dome Network camera
FCS-3303 LVL1-FCS-3303 Datasheet
220Kb / 3P
   Zoom Dome IP Network Camera
FCS-3304 LVL1-FCS-3304 Datasheet
244Kb / 3P
   Zoom Dome IP Network Camera
FCS-5065 LVL1-FCS-5065 Datasheet
646Kb / 4P
   Zoom Network Camera, 5-Megapixel
FCS-3097 LVL1-FCS-3097 Datasheet
370Kb / 4P
   Zoom Dome IP Network Camera
FCS-3098 LVL1-FCS-3098 Datasheet
370Kb / 4P
   Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com