Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-1041 Datasheet(PDF) 1 Page - Level One

Part # FCS-1041
Description  PTZ Network Camera
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-1041 Datasheet(HTML) 1 Page - Level One

  FCS-1041 Datasheet HTML 1Page - Level One FCS-1041 Datasheet HTML 2Page - Level One FCS-1041 Datasheet HTML 3Page - Level One FCS-1041 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FCS-1041 하드웨어 버전: 1
PTZ Network Camera, 2-메가픽셀, 802.3af PoE, WDR,
10x Optical Zoom
Key Features
- Support unique features for auto-tracking function of moving objects
- 2-메가픽셀(1920 x 1080) 고해상도
- Supports 355° pan and 135° tilt
- Supports 10x optical zoom
- 2개의 비디오 스트림을 동시에 지원
- 압축: H.264/MPEG-4/MJPEG
- 2-웨이 오디오 통신용 내장 마이크 및 외부 스피커
- 로컬 스토리지용 내장 SD/SDHC 카드 슬롯
- 센서 및 알람용 디지털 입력/출력(1DI/1DO)
- 동작 감지 및 이메일 또는 FTP를 통한 이벤트 알림 지원
- 무료 64-채널 모니터링 서비스 포함(OneSecure App 지원)
www.level1.com
Page 1 of 4


Similar Part No. - FCS-1041

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
FCS-1122 LVL1-FCS-1122 Datasheet
368Kb / 5P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-1122 LVL1-FCS-1122 Datasheet
817Kb / 3P
   4-CH Network Video Recorder
FCS-1131 LVL1-FCS-1131 Datasheet
529Kb / 5P
   Fixed Network Camera
FCS-1131 LVL1-FCS-1131 Datasheet
416Kb / 5P
   Fixed IP Network Camera, 2-Megapixel, 802.3af PoE
More results

Similar Description - FCS-1041

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-4301 LVL1-FCS-4301 Datasheet
520Kb / 4P
   PTZ Dome Network Camera
FCS-4044 LVL1-FCS-4044 Datasheet
914Kb / 5P
   PTZ Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
   PTZ Dome Network Camera
FCS-4041 LVL1-FCS-4041 Datasheet
1Mb / 6P
   PTZ Dome Network Camera
FCS-4042 LVL1-FCS-4042 Datasheet
793Kb / 5P
   PTZ Dome Network Camera
FCS-4043 LVL1-FCS-4043 Datasheet
884Kb / 5P
   PTZ Dome Network Camera
FCS-5044 LVL1-FCS-5044 Datasheet
152Kb / 4P
   PTZ Network Camera, 2-Megapixel, 10x Optical Zoom, 802.3at PoE, Day & Night, WDR, Outdoor
FCS-5063 LVL1-FCS-5063 Datasheet
675Kb / 4P
   Fixed Network Camera
FCS-1153 LVL1-FCS-1153 Datasheet
519Kb / 4P
   Fixed Network Camera
FCS-5042 LVL1-FCS-5042 Datasheet
573Kb / 4P
   Zoom Network camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com