Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1418 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1418
Description  15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1418 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1418 Datasheet HTML 5Page - Maxim Integrated Products MAX1418 Datasheet HTML 6Page - Maxim Integrated Products MAX1418 Datasheet HTML 7Page - Maxim Integrated Products MAX1418 Datasheet HTML 8Page - Maxim Integrated Products MAX1418 Datasheet HTML 9Page - Maxim Integrated Products MAX1418 Datasheet HTML 10Page - Maxim Integrated Products MAX1418 Datasheet HTML 11Page - Maxim Integrated Products MAX1418 Datasheet HTML 12Page - Maxim Integrated Products MAX1418 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
15-Bit, 65Msps ADC with -78.2dBFS
Noise Floor for IF Applications
_______________________________________________________________________________________
9
70
80
95
90
75
85
100
-40
10
35
-15
60
85
SFDR1/SFDR2 vs. TEMPERATURE
(fCLK = 65.0117MHz, fIN = 70.0015MHz,
AIN = -2dBFS)
TEMPERATURE (
°C)
SFDR2
SFDR1
1900
2100
2000
2050
1950
2150
2200
4.85
5.00
5.10
4.90
5.05
5.15
4.95
5.20 5.25
POWER DISSIPATION vs. SUPPLY VOLTAGE
(fCLK = 65.0117MHz, fIN = 15.0010MHz,
AIN = -2dBFS)
SUPPLY VOLTAGE (V)
TWO-TONE IMD PLOT
(32,768-POINT DATA RECORD,
COHERENT SAMPLING)
ANALOG INPUT FREQUENCY (MHz)
30
25
20
15
10
5
-100
-80
-60
-40
-20
0
-120
0
fCLK = 65.0117MHz
fIN = 69.0017MHz
fIN2 = 71.0014MHz
AIN1 = AIN2 = -8dBFS
fIN1
2fIN1 - fIN2
2fIN2 - fIN1
fIN2
-110
-90
-75
-80
-100
-95
-105
-85
-70
-40
10
35
-15
60
85
HD2/HD3 vs. TEMPERATURE
(fCLK = 65.0117MHz, fIN = 70.0015MHz,
AIN = -2dBFS)
TEMPERATURE (
°C)
HD2
HD3
1980
2000
2015
2010
1990
1995
1985
2005
2020
-40
10
35
-15
60
85
POWER DISSIPATION vs. TEMPERATURE
(fCLK = 65.0117MHz, fIN = 15.0010MHz,
AIN = -2dBFS)
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(AVCC = 5V, DVCC = DRVCC = 2.5V, INP and INN driven differentially with a -2dBFS amplitude, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 65MHz, TA = 25°C. All AC data based on a 32k-point FFT
record and under coherent sampling conditions.)


Similar Part No. - MAX1418

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1418 MAXIM-MAX1418 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1418 MAXIM-MAX1418 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1418ETN MAXIM-MAX1418ETN Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
More results

Similar Description - MAX1418

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com