Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJCLS024Z Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NJCLS024Z
Description  Built-in ESD Protection Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJCLS024Z Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NJCLS024Z Datasheet HTML 1Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 2Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 3Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 4Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 5Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 6Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 7Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 8Page - NICHIA CORPORATION NJCLS024Z Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NICHIA STS-DA1-3583A <Cat.No.150421>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
33.0
38.7
V
Q0212
2120
2600
Q0209
2090
2570
Q0204
2040
2500
Q0199
1990
2450
Q0197
1970
2410
Q0195
1950
2390
Q0194
1940
2380
Q0187
1870
2290
Q0178
1780
2180
Q0170
1700
2080
Q0169
1690
2070
Q0164
1640
2020
Q0161
1610
1970
Q0155
1550
1910
Q0154
1540
1900
Luminous Flux
Q0148
1480
1820
lm
R70
Ra
70
-
-
Ra
80
-
-
R8000
R9
0
-
-
Ra
90
-
-
Color Rendering Index
R9050
R9
50
-
-
Color Ranks
Rank sm243
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
x
0.4829
0.4578
0.4338
0.4073
0.3818
0.3611
Center Point
y
0.4144
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.


Similar Part No. - NJCLS024Z

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJCLS024Z-M2 NICHIA-NJCLS024Z-M2 Datasheet
528Kb / 17P
   Built-in ESD Protection Device
NJCLS024Z-M3 NICHIA-NJCLS024Z-M3 Datasheet
544Kb / 17P
   Built-in ESD Protection Device
NJCLS024Z-M7 NICHIA-NJCLS024Z-M7 Datasheet
545Kb / 17P
   Built-in ESD Protection Device
More results

Similar Description - NJCLS024Z

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com