Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1247BEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1247BEEE
Description  2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1247BEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1247BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1247BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
+2.7V, Low-Power, 4-Channel,
Serial 12-Bit ADCs in QSOP-16
_______________________________________________________________________________________
3
Multiplexer Leakage Current
µA
0.01
10
Shutdown VREF Input Current
k
18
25
VREF Input Resistance
µA
100
150
VREF Input Current
V
1.0
VDD +
50mV
VREF Input Voltage Range
(Note 9)
pF
16
Input Capacitance
0 to VREF
V
±VREF / 2
Input Voltage Range, Single-
Ended and Differential (Note 6)
µA
±0.01
±1
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Unipolar, COM = 0V
VREF = 2.500V
Bipolar, COM = VREF / 2
On/off leakage current, VCH_ = 0V or VDD
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1246); VDD = +2.7V to +5.25V (MAX1247); COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle);
15 clocks/conversion cycle (133ksps); MAX1246—4.7µF capacitor at VREF pin; MAX1247—external reference, VREF = 2.500 V
applied to VREF pin; TA = TMIN to TMAX; unless otherwise noted.)
V
2.480
2.500
2.520
VREF Output Voltage
TA = +25°C
mA
30
VREF Short-Circuit Current
±30
±50
MAX1246_C
±30
±60
MAX1246_E
ppm/°C
±30
±80
VREF Temperature Coefficient
MAX1246_M
mV
±0.35
Load Regulation (Note 8)
0mA to 0.2mA output load
0
Internal compensation mode
µF
4.7
Capacitive Bypass at VREF
External compensation mode
µF
0.047
Capacitive Bypass at REFADJ
%
±1.5
REFADJ Adjustment Range
V
VDD -
0.5
REFADJ Buffer Disable Threshold
µF
0
Capacitive Bypass at VREF
Internal compensation mode
2.00
V/V
2.06
Reference Buffer Gain
4.7
MAX1247
MAX1246
External compensation mode
±10
µA
±50
REFADJ Input Current
MAX1247
MAX1246
ANALOG/COM INPUTS
INTERNAL REFERENCE (MAX1246 only, reference buffer enabled)
EXTERNAL REFERENCE AT VREF (Buffer disabled)
EXTERNAL REFERENCE AT REFADJ


Similar Part No. - MAX1247BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1247EVKIT-QSOP MAXIM-MAX1247EVKIT-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1247EVL11-QSOP MAXIM-MAX1247EVL11-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
More results

Similar Description - MAX1247BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com