Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1241BCSA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1241BCSA
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241BCSA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1241BCSA Datasheet HTML 7Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 8Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 9Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 10Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 11Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 12Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 13Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 14Page - Maxim Integrated Products MAX1241BCSA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
End of conversion (EOC) is signaled by DOUT going
high. DOUT’s rising edge can be used as a framing
signal. SCLK shifts the data out of this register any time
after the conversion is complete. DOUT transitions on
SCLK’s falling edge. The next falling clock edge pro-
duces the MSB of the conversion at DOUT, followed by
the remaining bits. Since there are 12 data bits and one
leading high bit, at least 13 falling clock edges are
needed to shift out these bits. Extra clock pulses occur-
ring after the conversion result has been clocked out,
and prior to a rising edge of CS, produce trailing zeros
at DOUT and have no effect on converter operation.
Minimum cycle time is accomplished by using DOUT’s
rising edge as the EOC signal. Clock out the data with
12.5 clock cycles at full speed. Pull CS high after read-
ing the conversion’s LSB. After the specified minimum
time (tCS), CS can be pulled low again to initiate the
next conversion.
Output Coding and Transfer Function
The data output from the MAX1240/MAX1241 is binary,
and Figure 10 depicts the nominal transfer function.
Code transitions occur halfway between successive-
integer LSB values. If VREF = +2.500V, then 1 LSB =
610µV or 2.500V/4096.
____________Applications Information
Connection to Standard Interfaces
The MAX1240/MAX1241 serial interface is fully compat-
ible with SPI/QSPI and MICROWIRE standard serial
interfaces (Figure 11).
If a serial interface is available, set the CPU’s serial
interface in master mode so the CPU generates the ser-
ial clock. Choose a clock frequency up to 2.1MHz.
1) Use a general-purpose I/O line on the CPU to pull CS
low. Keep SCLK low.
2) Wait the for the maximum conversion time specified
before activating SCLK. Alternatively, look for a DOUT
rising edge to determine the end of conversion.
3) Activate SCLK for a minimum of 13 clock cycles. The
first falling clock edge produces the MSB of the
DOUT conversion. DOUT output data transitions on
SCLK’s falling edge and is available in MSB-first for-
mat. Observe the SCLK to DOUT valid timing char-
acteristic. Data can be clocked into the µP on
SCLK’s rising edge.
4) Pull CS high at or after the 13th falling clock edge. If
CS remains low, trailing zeros are clocked out after
the LSB.
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
______________________________________________________________________________________
11
11
…111
11
…110
11
…101
00
…011
00
…010
00
…001
00
…000
01
2
FS
OUTPUT CODE
FS - 3/2LSB
INPUT VOLTAGE (LSBs)
FS = VREF - 1LSB
1LSB =
VREF
4096
FULL-SCALE
TRANSITION
3
CS
SCLK
DOUT
INTERNAL
T/H
(TRACK/ACQUIRE)
tCS0
tCONV
tDV
tAPR
tSTR
(HOLD)
(TRACK/ACQUIRE)
B2
B1
B0
tCH
tDO
tCL
tTR
tCS
Figure 10. Unipolar Transfer Function, Full Scale (FS) = VREF -
1LSB, Zero Scale (ZS) = GND
Figure 9. Detailed Serial-Interface Timing


Similar Part No. - MAX1241BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1241BCSA++ MAXIM-MAX1241BCSA+ Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1241BCSA++ MAXIM-MAX1241BCSA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1241BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com