Electronic Components Datasheet Search |
|
EKI-1524 Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
EKI-1524 Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
1 / 2 page Industrial Gateway Solutions Features Provides 2 x 10/100 Mbps Ethernet ports for LAN redundancy Provides COM port redirection (Virtual COM), TCP and UDP operation modes Supports up to 921.6 kbps, and any baud rate setting Allows a max. of 5 hosts to access one serial port Allows a max. of 16 hosts to be accessed as TCP client mode Built-in 15 KV ESD protection for all serial signals Provides multiple configuration methods including Windows utility, Telnet console, and Web Browser Supports 32-bit/64-bit Windows 2000/XP/Vista/7/8/8.1, Windows Server 2003/2008/2012, Windows CE 5.0, and Linux Automatic RS-485 data flow control Supports surge protection for D.C. power ports with line to line 2 KV, and line to earth 4 KV; for signal ports with 4 KV. 'I' models support a wide operating temperature 'CI' models support isolation and wide operating temperature Specifications Ethernet Communications Compatibility IEEE 802.3, IEEE 802.3u Speed 10/100 Mbps No. of Ports 2 Port Connector 8-pin RJ45 Protection Built-in 1.5 KV magnetic isolation Serial Communications Port Type RS-232/422/485, software selectable No. of Ports EKI-1521: 1/EKI-1522: 2/EKI-1524: 4 Port Connector DB9 male Data Bits 5, 6, 7, 8 Stop Bits 1, 1.5, 2 Parity None, Odd, Even, Space, Mark Flow Control XON/XOFF, RTS/CTS, DTR/DSR Baud Rate 50 bps ~ 921.6 kbps, any baud rate setting Serial Signals RS-232: TxD, RxD, CTS, RTS, DTR, DSR, DCD, RI, GND RS-422: TxD+, TxD-, RxD+, RxD-, GND RS-485: Data+, Data-, GND Protection Built-in 15 KV ESD for all signals 'CI' models: 2KV Isolation for RS-422/485 signals Software OS Support 32-bit/64-bit Windows XP/Vista/7/8/8.1, Windows Server 2003/2008/2008 R2/2012/2012 R2, Windows CE 5.0, and Linux Utility Software Advantech EKI Device Configuration Utility Operation Modes COM port redirection mode (Virtual COM) TCP/UDP server (polling) mode TCP/UDP client (event handling) mode Pair connection (peer to peer) mode Configuration Windows utility, Telnet console, Web Browser Management SNMP MIB-II Mechanics Dimensions (W x H x D) 36.6 x 140 x 95 mm (1.44" x 5.51" x 3.74") EKI-1524: 48.6 x 140 x 95 mm (1.91" x 5.51" x 3.74") Enclosure Metal with solid mounting hardware Mounting DIN-rail, Wall Weight EKI-1521: 612g/EKI-1522: 620g/EKI-1524: 690g General LED Indicators System: Power, System Status/LAN: Speed, Link/Active Serial: Tx, Rx Power Requirements Input 12 ~ 48 VDC, redundant dual inputs Connector Terminal block Consumption EKI-1521: 5.2 W EKI-1522: 5.2 W EKI-1524: 6.3 W Environment Operating Temperature EKI-1521/EKI-1522/EKI-1524: -10 ~ 60°C (14 ~ 140°F) 'CI & I' models: -40 ~ 70°C (-40 ~ 158°F) Storage Temperature -40 ~ 85°C (-40 ~ 185°F) Operating Humidity 5 ~ 95% RH Regulatory Approvals EMC CE, FCC Part 15 Subpart B (Class A) Introduction EKI-1521, EKI-1522 and EKI-1524 feature two independent Ethernet ports and MAC addresses to provide a redundant network mechanism to guarantee Ethernet network reliability. EKI-1521, EKI-1522 and EKI-1524 are serial device servers that connect RS-232/422/485 serial devices, such as PLC, meters, sensors, and barcode reader to an IP-based Ethernet LAN. They allow nearly any device with serial ports to connect and share an Ethernet network. EKI-1521, EKI-1522 and EKI-1524 provide various operations: COM port redirection (Virtual COMport), TCP Server, TCP Client and UDP mode. With COM port redirection mode, standard serial operation calls are transparently redirected to the EKI-1521, EKI-1522 and EKI-1524, guaranteeing compatibility with legacy serial devices and enabling backward compatibility with existing software. With TCP server, TCP client, and UDP modes, EKI- 1521, EKI-1522 and EKI-1524 ensure the compatibility of network software that uses a standard network API. Moreover, you can make serial devices communicate with other devices peer-to-peer, without any intermediate host PCs and software programming. EKI-1521 EKI-1522 EKI-1524 RoHS COMPLIANT 2011/65/EU EKI-1521/CI/I EKI-1522/CI/I EKI-1524/CI/I 1-port RS-232/422/485 Serial Device Server 2-port RS-232/422/485 Serial Device Server 4-port RS-232/422/485 Serial Device Server All product specifications are subject to change without notice Last updated : 5-May-2015 |
Similar Part No. - EKI-1524 |
|
Similar Description - EKI-1524 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |