Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1271ACAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1271ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271ACAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1271ACAI Datasheet HTML 1Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 2Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 3Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 4Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX1271ACAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5.0V ±5%; unipolar/bipolar range; external reference mode, VREF = +4.096V; 4.7µF at REF; external clock; fCLK = 2.0MHz,
50% duty cycle (MAX127_B); fCLK = 1.8MHz, 50% duty cycle (MAX127_A); 18 clock/conversion cycle, TA = TMIN to TMAX, unless
otherwise noted. Typical values are TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE
REF Output Voltage
VREF
TA = +25°C
4.076
4.096
4.116
V
MAX1270_C/MAX1271_C
±15
REF Output Tempco
TC VREF
MAX1270_E/MAX1271_E
±30
ppm/
°C
Output Short-Circuit Current
30
mA
Load Regulation
0 to 0.5mA output current (Note 5)
10
mV
Capacitive Bypass at REF
4.7
µF
Capacitive Bypass at REFADJ
0.01
µF
REFADJ Output Voltage
2.465
2.500
2.535
V
REFADJ Adjustment Range
Figure 1
±1.5
%
Buffer Voltage Gain
1.638
V/V
REFERENCE INPUT (Reference buffer disabled, reference input applied to REF)
Input Voltage Range
2.40
4.18
V
Normal or STBYPD
400
Input Current
VREF = 4.18V
FULLPD
1
µA
Normal or STBYPD
10
k
Input Resistance
VREF = 4.18V
FULLPD
4.18
M
REFADJ Threshold for Buffer
Disable
VDD -
0.5
V
POWER REQUIREMENT
Supply Voltage
VDD
4.75
5.25
V
Bipolar range
18
Normal
Unipolar range
6
10
mA
STBYPD power-down mode (Note 6)
700
850
Supply Current
IDD
FULLPD power-down mode
120
220
µA
External reference = 4.096V
±0.1
±0.5
Power-Supply Rejection
Ratio (Note 7)
PSRR
Internal reference
±0.5
LSB
TIMING
MAX127_A
0.1
1.8
External Clock Frequency Range
fSCLK
MAX127_B
0.1
2.0
MHz
MAX127_A
3.3
External clock mode
(Note 8)
MAX127_B
3.0
Acquisition Phase
Internal clock mode, Figure 9
3
5
µs


Similar Part No. - MAX1271ACAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX127-MAX128 MAXIM-MAX127-MAX128 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX1270ACAI MAXIM-MAX1270ACAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACNG MAXIM-MAX1270ACNG Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results

Similar Description - MAX1271ACAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com