Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-4012 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4012
Description  1-ch Thermocouple Input Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4012 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4012 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules: ADAM-4000
RoHS
COMPLIANT
2002/95/EC
1-ch Thermocouple Input Module
1-ch Analog Input Module
1-ch RTD Input Module
Specifications
General
ƒ
Power Consumption 0.7 W @ 24 VDC
ƒ
Supported Protocols ASCII command
Analog Input
ƒ
Channels
1
ƒ
Input Connections
2 or 3-wire
ƒ
Input Impedance
2 M
ƒ
Input Type
Pt or Ni RTD
ƒ
RTD Types and Temperature Ranges
IEC RTD 100 ohms
Pt
-100°C
to
+100°C
a = 0.00385
Pt
0°C
to
+100°C
a = 0.00385
Pt
0°C
to
+200°C
a = 0.00385
Pt
0°C
to
+600°C
a = 0.00385
JIS RTD 100 ohms
Pt
-100°C
to
+100°C
a = 0.003916
Pt
0°C
to
+100°C
a = 0.003916
Pt
0°C
to
+200°C
a = 0.003916
Pt
0°C
to
+600°C
a = 0.003916
Ni RTD
Ni
-80°C
to
+100°C
Ni
0°C
to
+100°C
ƒ
Accuracy
±0.1% or better
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±3 µV/°C
Specifications
General
ƒ
Power Consumption 1.2 W @ 24 VDC
ƒ
Supported Protocols ASCII command
Analog Input
ƒ
Channels
1
ƒ
Input Impedance
Voltage: 20 M
Current: 125
Ω (Added
by user)
ƒ
Input Type
mV, V or mA
ƒ
Input Range
±150 mV, ±500 mV, ±1 V,
±5 V, ±10 V and ±20 mA
ƒ
Accuracy
Voltage mode: ±0.1% or
better
Current mode: ±0.2% or
better
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 µV/°C
Digital Input
ƒ
Channels
1
Logic level 0: 1 V max.
Logic level 1: 3.5 ~ 30 V
pull up current: 0.5 mA,
10 k
Ω resistor to 5 V
ƒ
Event Counter
Max. input freq.: 50 Hz
Min. input pulse width: 1
msec.
Digital Output
ƒ
Channels
2, open collector to 30 V,
30 mA max. load
ƒ
Power Dissipation
300 mW
ADAM-4011
ADAM-4012
ADAM-4013
ADAM-4012
ADAM-4013
Specifications
General
ƒ
Power Consumption 1.4 W @ 24 VDC
ƒ
Supported Protocols ASCII command
Analog Input
ƒ
Channels
1
ƒ
Input Impedance
Voltage: 2 M
Current: 125
Ω (Added
by user)
ƒ
Input Type
T/C, mV, V or mA
ƒ
Input Range
±15 mV, ±50 mV, ±100 mV,
±500 mV, ±1 V,
±2.5 V, ±20 mA
ƒ
Accuracy
Voltage mode: ±0.1% or
better
Current mode: ±0.2% or
better
ƒ
T/C Type and Temperature Range
J
0 ~ 760°C
R 500 ~ 1,750°C
K
0 ~ 1,370°C
S 500 ~ 1,750°C
T
-100 ~ 400°C
B 500 ~ 1,800°C
E
0 ~ 1,000°C
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 µV/°C
Digital Input
ƒ
Channels
1
Logic level 0: 1 V max.
Logic level 1: 3.5 ~ 30 V
Pull up current: 0.5 mA,
10 k
Ω resistor to 5 V
ƒ
Event Counter
Max. input freq: 50 Hz
Digital Output
ƒ
Channels
2, open collector to
30 V, 30 mA max. load
ƒ
Power Dissipation
300 mW
ƒ
Supports high/low alarms
ADAM-4011
Common Specifications
General
ƒ
Power Input
Unregulated 10 ~ 30 V
DC
ƒ
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
ƒ
Watchdog Timer
System (1.6 second)
Analog Input
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 sample/second
ƒ
CMR @ 50/60 Hz
150 dB
ƒ
NMR @ 50/60 Hz
100 dB
ƒ
Isolation Voltage
3,000 VDC
Environment
ƒ
Operating Humidity 5 ~ 95% RH
ƒ
Operating
-10 ~ 70°C (14 ~ 158°F)
Temperature
ƒ
Storage Temperature -25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
ADAM-4011
1-ch Thermocouple
Input Module
ƒ
ADAM-4012
1-ch Analog Input
Module
ƒ
ADAM-4013
1-ch RTD Input Module
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-4012

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4012 ADVANTECH-ADAM-4012 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
More results

Similar Description - ADAM-4012

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4718 ADVANTECH-USB-4718 Datasheet
527Kb / 1P
   8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
USB-4718-AE ADVANTECH-USB-4718-AE Datasheet
156Kb / 1P
   8-ch Thermocouple Input USB Module with 8-ch Isolated Digital Input
ADAM-4118 ADVANTECH-ADAM-4118_15 Datasheet
298Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_V01 Datasheet
516Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
ADAM-4118 ADVANTECH-ADAM-4118 Datasheet
703Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
   1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
   Isolated Thermocouple Input Module
ADAM-3011 ADVANTECH-ADAM-3011 Datasheet
518Kb / 1P
   Isolated Thermocouple Input Module
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
logo
Virginia Panel Corporat...
510160110 VPC-510160110 Datasheet
156Kb / 1P
   THERMOCOUPLE MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com