Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1295AEEI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1295AEEI
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1295AEEI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1295AEEI Datasheet HTML 1Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 2Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 3Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 4Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 5Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 6Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1295/MAX1297 low-power, 12-bit analog-to-
digital converters (ADCs) feature a successive-approxi-
mation ADC, automatic power-down, fast wake-up
(2µs), on-chip clock, +2.5V internal reference, and
high-speed 12-bit parallel interface. They operate with
a single +2.7V to +3.6V analog supply.
Power consumption is only 5.4mW at the maximum
sampling rate of 265ksps. Two software-selectable
power-down modes enable the MAX1295/MAX1297 to
be shut down between conversions; accessing the par-
allel interface returns them to normal operation.
Powering down between conversions can reduce sup-
ply current below 10µA at lower sampling rates.
Both devices offer software-configurable analog inputs
for unipolar/bipolar and single-ended/pseudo-differen-
tial operation. In single-ended mode, the MAX1295 has
six input channels and the MAX1297 has two (three
input channels and one input channel, respectively,
when in pseudo-differential mode).
Excellent dynamic performance and low power combined
with ease of use and small package size make these con-
verters ideal for battery-powered and data-acquisition
applications or for other circuits with demanding power-
consumption and space requirements. The MAX1295 is
offered in a 28-pin QSOP package, while the MAX1297
comes in a 24-pin QSOP. For pin-compatible +5V, 12-bit
versions, refer to the MAX1294/MAX1296 data sheet.
Applications
Industrial Control Systems
Data Logging
Energy Management
Patient Monitoring
Data-Acquisition Systems
Touchscreens
Features
o 12-Bit Resolution, ±0.5LSB Linearity
o +3V Single-Supply Operation
o Internal +2.5V Reference
o Software-Configurable Analog Input Multiplexer
6-Channel Single-Ended/
3-Channel Pseudo-Differential (MAX1295)
2-Channel Single-Ended/
1-Channel Pseudo-Differential (MAX1297)
o Software-Configurable Unipolar/Bipolar
Analog Inputs
o Low Current
1.8mA (265ksps)
1.0mA (100ksps)
400µA (10ksps)
2µA (shutdown)
o Internal 3MHz Full-Power Bandwidth Track/Hold
o Parallel 12-Bit Interface
o Small Footprint
28-Pin QSOP (MAX1295)
24-Pin QSOP (MAX1297)
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
________________________________________________________________
Maxim Integrated Products
1
19-1530; Rev 0; 9/99
EVALUATION
KIT
AVAILABLE
28 QSOP
±1
0°C to +70°C
MAX1295BCEI
INL
(LSB)
±0.5
28 QSOP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
MAX1295ACEI
PART
Ordering Information
Pin Configurations
Typical Operating Circuits appear at end of data sheet.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D10
D11
VDD
REF
REFADJ
GND
CS
COM
CH0
CH1
CH2
CH3
CH4
CH5
CLK
WR
RD
INT
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
QSOP
TOP VIEW
MAX1295
Pin Configurations continued at end of data sheet.
28 QSOP
±0.5
-40°C to +85°C
MAX1295AEEI
28 QSOP
±1
-40°C to +85°C
MAX1295BEEI
24 QSOP
±0.5
-40°C to +85°C
MAX1297AEEG
24 QSOP
±1
-40°C to +85°C
MAX1297BEEG
24 QSOP
±1
0°C to +70°C
MAX1297BCEG
±0.5
24 QSOP
0°C to +70°C
MAX1297ACEG


Similar Part No. - MAX1295AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results

Similar Description - MAX1295AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com