Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1294BEEI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1294BEEI
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1294BEEI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1294BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 11Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 12Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 13Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 14Page - Maxim Integrated Products MAX1294BEEI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
______________________________________________________________________________________
11
the acquisition time lengthens and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time required for
the signal to be acquired. Calculate this with the follow-
ing equation:
tACQ = 9 (RS + RIN)CIN
where RS is the source impedance of the input signal,
RIN (800Ω) is the input resistance, and CIN (12pF) is
the ADC’s input capacitance. Source impedances
below 3k
Ω have no significant impact on the MAX1294/
MAX1296’s AC performance.
Higher source impedances can be used if a 0.01µF
capacitor is connected to the individual analog inputs.
Together with the input impedance, this capacitor
forms an RC filter, limiting the ADC’s signal bandwidth.
Input Bandwidth
The MAX1294/MAX1296 T/H stage offers a 350kHz full-
linear and a 6MHz full-power bandwidth. This makes it
possible to digitize high-speed transients and measure
periodic signals with bandwidths exceeding the ADCs
sampling rate by using undersampling techniques. To
avoid high-frequency signals being aliased into the fre-
quency band of interest, anti-alias filtering is recom-
mended.
Starting a Conversion
Initiate a conversion by writing a control byte, which
selects the multiplexer channel and configures the
MAX1294/MAX1296 for either unipolar or bipolar opera-
tion. A write pulse (WR + CS) can either start an acqui-
sition interval or initiate a combined acquisition plus
conversion. The sampling interval occurs at the end of
the acquisition interval. The ACQMOD (acquisition
mode) bit in the input control byte (Table 1) offers two
options for acquiring the signal: an internal and an
external acquisition. The conversion period lasts for 13
clock cycles in either the internal or external clock or
acquisition mode. Writing a new control byte during a
conversion cycle will abort the conversion and start a
new acquisition interval.
Internal Acquisition
Select internal acquisition by writing the control byte
with the ACQMOD bit cleared (ACQMOD = 0). This
causes the write pulse to initiate an acquisition interval
whose duration is internally timed. Conversion starts
when this acquisition interval (three external clock
cycles or approximately 1µs in internal clock mode)
ends (Figure 4). Note that when the internal acquisition
is combined with the internal clock, the aperture jitter
can be as high as 200ps. Internal clock users wishing
to achieve the 50ps jitter specification should always
use external acquisition mode.
External Acquisition
Use external acquisition mode for precise control of the
sampling aperture and/or dependent control of acquisi-
tion and conversion times. The user controls acquisition
and start-of-conversion with two separate write pulses.
The first pulse, written with ACQMOD = 1, starts an
acquisition interval of indeterminate length. The second
write pulse, written with ACQMOD = 0 (all other bits in
control byte unchanged), terminates acquisition and
starts conversion on WR rising edge (Figure 5).
The address bits for the input multiplexer must have the
same values on the first and second write pulse.
Power-down mode bits (PD0, PD1) can assume new
values on the second write pulse (see
Power-Down
Modes section). Changing other bits in the control byte
will corrupt the conversion.
Reading a Conversion
A standard interrupt signal INT is provided to allow the
MAX1294/MAX1296 to flag the µP when the conversion
has ended and a valid result is available. INT goes low
when the conversion is complete and the output data is
ready (Figures 4, 5). It returns high on the first read
cycle or if a new control byte is written.
Selecting Clock Mode
The MAX1294/MAX1296 operate with either an internal
or an external clock. Control bits D6 and D7 select
either internal or external clock mode. The part retains
the last requested clock mode if a power-down mode is
selected in the current input word. For both internal and
external clock mode, internal or external acquisition
can be used. At power-up, the MAX1294/MAX1296
enter the default external clock mode.
Internal Clock Mode
Select internal clock mode to release the µP from the
burden of running the SAR conversion clock. Bits D6
and D7 of the control byte must be set to 1; the internal
clock frequency is then selected, resulting in a conver-
sion time of 3.6µs. When using the internal clock mode,
tie the CLK pin either high or low to prevent the pin
from floating.


Similar Part No. - MAX1294BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294BEEI MAXIM-MAX1294BEEI Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results

Similar Description - MAX1294BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com