Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMMK-3603 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-3603
Description  1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-3603 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button VMMK-3603_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED VMMK-3603_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 14. Biasing the VMMK-3603
Figure 12. Evaluation/Test Board (available to qualified customers upon
request)
VMMK-3603 Applications and Usage Information
Table 3. VMMK-3603 Demo Board BOM
Component
Value
DUT
VMMK-3603
C1
100 pF
C2
8.2 pF
C5
0.1
μF
C6
100 pF
R1
820 Ohms
R2
10 Ohms
L1
10 nH
Biasing and Operation
TheVMMK-3603 is biased with a positive supply connected
to the output pin Vd through an external user supplied
bias decoupling network. Nominal current draw is 22 mA.
A typical biasing scheme is shown in Figure 12.
Figure 13. Example demonstration circuit of VMMK-3603 for broadband
operation (1 GHz to 6 GHz).
A layout of a typical demo board is shown in Figure 14. The
output bias decoupling network can be easily constructed
using small surface mount components. The value of the
output inductor can have a major effect on both low and
high frequency operation. The demo board uses a 10 nH
inductor that has a self resonant frequency higher than
the maximum desired frequency of operation.
If the self-resonant frequency of the inductor is too close
to the operating band, the value of the inductor will need
to be adjusted so that the self-resonant frequency is sig-
nificantly higher than the highest frequency of operation.
A 10 ohm resistor is placed in series with the inductor
to help provide greater bandwidth and to help with low
frequency stability. To help with low frequency stability an
820 ohm resistor is used to shunt the input line to ground.
8.2 pF capacitors are used as dc blocks on the RF input and
RF output lines.
Typically a passive component company like Murata does
not specify S parameters at frequencies higher than 5 or
6 GHz for larger values of inductance making it difficult
to properly simulate amplifier performance at higher fre-
quencies. It has been observed that the Murata LQW15AN
series of 0402 inductors actually works quite well above
their normally specified frequency.
The parallel combination of the 100 pF and 0.1
μF capaci-
tors provide a low impedance in the band of operation
and at lower frequencies and should be placed as close
as possible to the inductor. The low frequency bypass
provides good rejection of power supply noise and also
provides a low impedance termination for third order low
frequency mixing products that will be generated when
multiple in-band signals are injected into any amplifier.
Amp
Input
Vdd
Output
Output
Pad
Ground
Pad
Input
Pad
50 Ohm line
50 Ohm line
100 pF
0.1
µF
10 nH
8.2 pF
820
8.2 pF
10


Similar Part No. - VMMK-3603_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603-BLKG AVAGO-VMMK-3603-BLKG Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
VMMK-3603-TR1G AVAGO-VMMK-3603-TR1G Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
More results

Similar Description - VMMK-3603_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
   1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3803 AVAGO-VMMK-3803_15 Datasheet
1,023Kb / 11P
   3 - 11 GHz UWB Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3803 BOARDCOM-VMMK-3803 Datasheet
1,023Kb / 11P
   3 - 11 GHz UWB Low Noise Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3803 AVAGO-VMMK-3803 Datasheet
911Kb / 9P
   3 - 11 GHz UWB Low Noise Amplifier in SMT Package
VMMK-3503 AVAGO-VMMK-3503 Datasheet
1Mb / 12P
   0.5 - 18 GHz Variable Gain Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com