Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-85563 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-85563
Description  3-volt Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-85563 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-85563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
PCB Materials
FR-4 or G-10 type materials are good choices for most
low cost wireless applications using single or multi-layer
printed circuit boards. Typical single-layer board thick-
ness is 0.020 to 0.031 inches. Circuit boards thicker than
0.031 inches are not recommended due to excessive
inductance in the ground vias.
For noise figure critical or higher frequency applications,
the additional cost of PTFE/glass dielectric materials may
be warranted to minimize transmission line loss at the
amplifier’s input.
Application Example
The printed circuit layout in Figure 19 can be used with
the MGA-85563 for frequencies from 800 MHz through 6
GHz. This layout is a microstripline design (solid ground-
plane on the backside of the circuit board) with 50 Ω in-
terfaces for the RF input and output. The circuit is fabri-
cated on 0.031-inch thick FR-4 dielectric material. Plated
through holes (vias) are used to bring the ground to the
top side of the circuit where needed. Multiple vias are
used to reduce the inductance of the paths to ground.
IN
OUT
Rbias
+Vd
MGA-85-A
Figure 19. Multi-purpose PCB Layout.
1.9 GHz Design
To illustrate the simplicity of using the MGA-85563, a 1.9
GHz amplifier for PCS type receiver applications is present-
ed.
To achieve minimum noise figure, the 50 Ω input to the
amplifier is matched to
*opt. From the table of Typical
Noise Parameters, the value of
*opt at 1.9 GHz is found
to be 0.56
‘+33°. The conjugate of *opt, 0.56 ‘-33°, is
plotted on the Smith chart as Point A in Figure 20. The
addition of a 0.108 inch length (actual length on FR-4;
electrical length is 11.7° of 50 Ω transmission line (MLIN)
rotates Point A around to the R = 1 circle on the Smith
chart. A series 5.6 nH inductor (L1) is then all that is re-
quired to complete the match to 50 Ω.
A
1
C
A (
Γopt)
B
2
-2
B
0.5
0.5
0.2
-0.2
0.2
2
-0.5
-1
MLIN
RF
Input
C (50
Ω)
L1
Figure 20. Input Impedance Match.
The output of the MGA-85563 is already well matched to
50 Ω and no additional matching is needed.
The resulting RF circuit is shown in Figure 21.
5.6 nH
50
Ω
0.108 in.
RF
Outp
MGA-
85563
RF
Input
Figure 21. Input Circuit for 1.9 GHz.
A schematic diagram of the complete 1.9 GHz circuit
with the input noise match and DC biasing is shown in
Figure 22.
RFC
RF
Input
C4
C3
Vd
RF
Output
Notes: L1 = 5.6 nH
RFC = 22 nH
C1 – C4 = 56 pH
MLIN = 0.108 inch, 50
Ω
(C1, C4 and Rb are optional)
L1
C1
C2
MLIN
Rb
Figure 22. Schematic of 1.9 GHz Circuit.
DC bias is applied to the MGA-85563 through the RFC at
the RF Output pin. The power supply connection is by-
passed to ground with capacitor C3. Provision is made
for an additional bypass capacitor, C4, to be added to the
bias line near the +3 volt connection. C4 will not normal-
ly be needed unless several stages are cascaded using a
common power supply.
The optional resistor, Rb, may be added if desired to in-
crease device current to handle higher level signals. The
use of the bias-setting resistor will not affect the input
matching circuit.


Similar Part No. - MGA-85563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-85563 HP-MGA-85563 Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
logo
Broadcom Corporation.
MGA-85563 BOARDCOM-MGA-85563 Datasheet
206Kb / 13P
   3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA-85563-BLK HP-MGA-85563-BLK Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
MGA-85563-TR1 HP-MGA-85563-TR1 Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
More results

Similar Description - MGA-85563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-85563 HP-MGA-85563 Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
logo
Broadcom Corporation.
MGA-85563 BOARDCOM-MGA-85563 Datasheet
206Kb / 13P
   3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
DEMO-MGA-85A BOARDCOM-DEMO-MGA-85A Datasheet
206Kb / 13P
   3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com