Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-62563 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-62563
Description  Current-Adjustable, Low Noise Amplifi er
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-62563 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-62563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-62563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
MGA-62563 Electrical Specifications
TC = 25°C, ZO = 50
, Vd = 3V (unless otherwise specified)
Symbol
Parameters and Test Conditions
Freq
Units
Min.
Typ.
Max.
Std Dev
Id[1,2]
Device Current
mA
47
62
77
2.09
NFtest [1,2]
Noise Figure in test circuit [1]
f = 0.5 GHz
dB
0.93
1.4
0.06
Gtest [1,2]
Associated Gain in test circuit[1]
f = 0.5 GHz
dB
20.4
22
23.4
0.36
OIP3test [1,2]
Ouput 3rd Order Intercept in test circuit[1]
f = 0.5 GHz
dBm
30
32.9
0.51
NF50ý[3]
Noise Figure in 50
 system
f = 0.1 GHz
dB
1.1
f = 0.2 GHz
1.0
f = 0.5 GHz
0.8
f = 1.0 GHz
0.9
0.06
f = 1.5 GHz
1.0
f = 2.0 GHz
1.2
f = 2.5 GHz
1.3
f = 3.0 GHz
1.5
|S21|250ý [3]
Associated Gain in 50
 system
f = 0.1 GHz
dB
23.5
f = 0.2 GHz
23
f = 0.5 GHz
22
f = 1.0 GHz
20
0.36
f = 1.5 GHz
17
f = 2.0 GHz
15.5
f = 2.5 GHz
14
f = 3.0 GHz
13
OIP350ý[3]
Output 3rd Order Intercept Point in 50
 system f = 0.1 GHz
dBm
34.7
f = 0.2 GHz
34.7
f = 0.5 GHz
34.8
f = 1.0 GHz
33.5
0.51
f = 1.5 GHz
33
f = 2.0 GHz
32.3
f = 2.5 GHz
32
f = 3.0 GHz
31
P1dB50ý[3]
Output Power at 1dB Gain Compression in 50
 system
f = 0.1 GHz
dBm
18
f = 0.2 GHz
18
f =0.5 GHz
18
f = 1.0 GHz
17.6
f = 1.5 GHz
17.6
f = 2.0 GHz
17.7
f = 2.5 GHz
17.9
f = 3.0 GHz
17.7
Notes:
1. Guaranteed specifications are 100% tested in the production test circuit as shown in Figure 1, the typical value is based on measurement of at
least 500 parts from three non-consecutive wafer lots during initial characterization of this product.
2. Circuit achieved a trade-off between optimal NF, Gain, OIP3 and input return loss.
3. Parameter quoted at 50
 is based on measurement of selected typical parts tested on a 50 input and output test fixture.


Similar Part No. - MGA-62563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
Broadcom Corporation.
MGA-62563 BOARDCOM-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Agilent(Hewlett-Packard...
MGA-62563-BLK HP-MGA-62563-BLK Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-62563-BLKG HP-MGA-62563-BLKG Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-62563-TR1 HP-MGA-62563-TR1 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
More results

Similar Description - MGA-62563

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-61563 BOARDCOM-MGA-61563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
DEMO-MGA-6X563 BOARDCOM-DEMO-MGA-6X563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563-TR1G AVAGO-MGA-61563-TR1G Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-62563 BOARDCOM-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com