Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-52543 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-52543
Description  Low Noise Amplifi er
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-52543 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-52543 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-52543 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MGA-52543 Typical Performance
All data are measured at T
c
= 25°C, V
d
= 5V, and in the following test system unless stated otherwise.
Figure 2. Test Circuit for S, Noise, and Power Parameters over Frequency.
Tuner
Tuner
RF
Output
RF
Input
Vd
Bias
Tee
ICM Fixture
Notes:
1. Minimum Noise Figure and Associated Gain at F
min
computed from S-parameter and Noise Parameter data measured in an automated NF system.
2. Tuners on input and output were set for narrow band tuning designed to optimize NF and OIP3 while keeping VSWRs better than 2:1. See Figure
9 for corresponding return losses at each frequency band.
FREQUENCY (GHz)
Figure 3. Minimum Noise Figure vs. Frequency
and Voltage[1].
0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
7
2
1
45
6
3
4.5 V
5.0 V
5.5 V
FREQUENCY (GHz)
Figure 4. Minimum Noise Figure vs. Frequency
and Temperature[1].
0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
7
2
1
45
6
3
-40 C
+25 C
+85 C
FREQUENCY (GHz)
Figure 5. Associated Gain vs. Frequency and
Voltage[1].
0
20
17
14
11
8
5
7
2
1
45
6
3
4.5 V
5.0 V
5.5 V
FREQUENCY (GHz)
Figure 6. Associated Gain vs. Frequency and
Temperature[1].
0
20
17
14
11
8
5
7
2
1
45
6
3
-40 C
+25 C
+85 C
FREQUENCY (GHz)
Figure 7. Output Third Order Intercept Point vs.
Frequency and Voltage[2].
0
40
35
30
25
20
7
2
1
45
6
3
4.5 V
5.0 V
5.5 V
FREQUENCY (GHz)
Figure 8. Output Third Order Intercept Point vs.
Frequency and Temperature[2].
0
40
35
30
25
20
7
2
1
45
6
3
-40 C
+25 C
+85 C


Similar Part No. - MGA-52543

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Agilent(Hewlett-Packard...
MGA-52543-BLK HP-MGA-52543-BLK Datasheet
215Kb / 15P
   Low Noise Amplifier
MGA-52543-BLKG HP-MGA-52543-BLKG Datasheet
215Kb / 15P
   Low Noise Amplifier
MGA-52543-TR1 HP-MGA-52543-TR1 Datasheet
215Kb / 15P
   Low Noise Amplifier
MGA-52543-TR1G HP-MGA-52543-TR1G Datasheet
215Kb / 15P
   Low Noise Amplifier
More results

Similar Description - MGA-52543

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com