Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-16116 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-16116
Description  Dual LNA for Balanced Application 450 ??1450 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-16116 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-16116_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Table 5. Typical Scattering Parameters, Vdd = 4.8 V, Idd = 35 mA
LNA SPAR (100 MHz – 20 GHz) The S-parameter are for single amplifier.
Freq
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
(dB)
(ang)
0.1
-1.022
-28.498
29.161
154.654
-37.965
79.027
-7.090
-19.544
0.5
-6.649
-94.870
22.772
104.259
-26.459
66.399
-13.896
-50.600
0.7
-8.297
-112.042
20.318
93.331
-24.049
64.475
-15.882
-53.370
0.9
-9.364
-125.539
18.444
84.974
-22.211
62.286
-17.478
-54.610
1.0
-9.758
-130.241
17.596
81.438
-21.400
61.255
-17.917
-53.566
1.5
-10.971
-151.257
14.416
66.113
-18.221
54.575
-20.357
-53.259
1.7
-11.091
-159.069
13.414
60.566
-17.239
51.394
-21.981
-58.813
1.9
-11.104
-166.151
12.539
55.320
-16.328
48.319
-23.407
-64.718
2.0
-11.117
-169.353
12.131
52.718
-15.905
46.647
-23.978
-68.957
2.5
-11.087
177.265
10.360
40.267
-14.104
38.400
-26.564
-97.344
3.0
-11.081
165.669
8.951
28.433
-12.604
29.781
-27.136
-132.391
3.5
-11.096
154.720
7.826
16.983
-11.325
21.025
-25.584
-162.526
4.0
-11.006
142.943
6.892
5.622
-10.213
12.016
-23.963
170.627
4.5
-10.720
129.982
6.100
-5.563
-9.244
2.746
-21.945
142.320
5.0
-10.073
118.799
5.351
-16.665
-8.445
-6.661
-19.977
114.528
5.5
-9.286
106.890
4.697
-27.610
-7.735
-16.237
-17.197
88.526
6.0
-8.439
94.245
4.087
-38.486
-7.175
-26.218
-14.231
70.377
7.0
-7.649
72.483
2.997
-58.517
-6.183
-44.375
-10.813
52.241
8.0
-9.206
56.581
2.362
-77.126
-5.224
-62.113
-10.533
46.694
9.0
-11.853
31.257
1.930
-96.806
-4.263
-81.118
-10.307
43.266
10.0
-11.268
-4.194
1.289
-117.528
-3.757
-101.712
-8.627
20.267
11.0
-10.277
-26.164
0.324
-136.898
-3.704
-120.862
-7.062
-2.650
12.0
-11.155
-52.090
-0.159
-153.598
-3.353
-139.372
-6.702
-18.056
13.0
-20.494
-61.926
-0.820
-168.479
-3.505
-153.688
-6.926
-14.524
14.0
-22.385
-159.458
-0.683
171.235
-2.651
-176.492
-6.999
-18.503
15.0
-14.569
127.065
-0.727
147.438
-2.279
158.611
-7.115
-26.831
16.0
-12.363
64.821
-1.734
115.001
-2.934
125.555
-5.770
-43.836
17.0
-7.890
-127.305
-6.052
131.616
-6.607
139.045
-2.049
-74.412
18.0
-12.876
-10.894
-5.846
90.393
-6.352
97.052
-2.285
-68.870
19.0
-7.087
108.141
-4.538
103.243
-4.669
108.441
-3.339
-89.195
20.0
-4.516
31.361
-4.779
55.113
-5.022
58.513
-4.579
-112.660
Table 6. Typical Noise Parameters, for single amplifier, Vdd = 4.8 V, Idd = 35 mA
Freq
Fmin
Γopt
Γopt
Rn/50
GHz
dB
Mag.
Ang.
450
0.31
0.570
-15.8
0.039
700
0.23
0.442
4.9
0.035
835
0.21
0.426
25.7
0.034
950
0.23
0.392
34.6
0.035
1450
0.4
0.210
86.0
0.037
Notes:
1. The Fmin values are based on noise figure measurements at multiple input impedances using Focus source pull test system. From these
measurements a true Fmin is calculated.
2. Scattering and noise parameters are measured on coplanar waveguide made on 0.010 inch thick ROGER 4350. The input reference plane is at the
end of the RFinput pin and the output reference plane is at the end of the RFoutput pin as shown in Figure 7.
3. Idd can be obtained by varying the Vg1/Vg2. Refer to figure 7.


Similar Part No. - MGA-16116_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
More results

Similar Description - MGA-16116_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-16216 BOARDCOM-MGA-16216 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
MGA-16116 BOARDCOM-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216 AVAGO-MGA-16216 Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
MGA-16316 AVAGO-MGA-16316_15 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
Broadcom Corporation.
MGA-16316 BOARDCOM-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316 AVAGO-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com