Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-16116 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-16116
Description  Dual LNA for Balanced Application 450 ??1450 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-16116 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-16116_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-16116_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Figure 14. Mu’stability factors vs Frequency vs Temperature
Figure 15. Input Ports Isolation (S31) vs Frequency
Figure 16. Idd vs Rbias [2]
Figure 17. Idd vs Vsd
Notes:
1. Circuit trace losses for NF have been de-embedded from measurements above.
2. Rbias is R3 and R8 from Figure 6.
100° C
25° C
-40° C
100° C
-40° C
25° C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
-60
-55
-50
-45
-40
-35
-30
-25
-20
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Frequency (GHz)
40
45
50
55
60
65
70
75
80
85
90
0
500
1000
1500
2000
2500
3000
Rbias (ohm)
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vsd (V)


Similar Part No. - MGA-16116_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
More results

Similar Description - MGA-16116_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-16216 BOARDCOM-MGA-16216 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16116 AVAGO-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
MGA-16116 AVAGO-MGA-16116_15 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
Broadcom Corporation.
MGA-16116 BOARDCOM-MGA-16116 Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16216 AVAGO-MGA-16216 Datasheet
744Kb / 17P
   Dual LNA for Balanced Application 1440 ??2350 MHz
MGA-16316 AVAGO-MGA-16316_15 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
Broadcom Corporation.
MGA-16316 BOARDCOM-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16316 AVAGO-MGA-16316 Datasheet
1Mb / 17P
   Dual LNA for Balanced Application 1950 ??4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com