Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-14516 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-14516
Description  High Gain, High Linearity Active Bias Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-14516 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-14516 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-14516 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Part Number Ordering Information
Part Number
No. of Devices
Container
MGA-14516-TR1G
1000
7” Reel
MGA-14516-TR2G
3000
13” Reel
MGA-14516-BLKG
100
antistatic bag
Top View
Side View
Bottom View
4.00 ± 0.10
4.00 ± 0.10
Pin 1 Dot
by marking
0.20 Ref
0.00 ± 0.05
0.85 ± 0.05
2.200
Exp.DAP
Pin #1 Identification
Chamfer 0.450 x 45º
1.95
Ref
0.55
0.65 Bsc
2.200
Exp.DAP
0.30
14516
YYWW
XXXX
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold ash and metal burr.
SLP4X4 Package Dimension


Similar Part No. - MGA-14516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
More results

Similar Description - MGA-14516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-1X516 BOARDCOM-DEMO-MGA-1X516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias,Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com