Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1295 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1295
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1295 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1295 Datasheet HTML 12Page - Maxim Integrated Products MAX1295 Datasheet HTML 13Page - Maxim Integrated Products MAX1295 Datasheet HTML 14Page - Maxim Integrated Products MAX1295 Datasheet HTML 15Page - Maxim Integrated Products MAX1295 Datasheet HTML 16Page - Maxim Integrated Products MAX1295 Datasheet HTML 17Page - Maxim Integrated Products MAX1295 Datasheet HTML 18Page - Maxim Integrated Products MAX1295 Datasheet HTML 19Page - Maxim Integrated Products MAX1295 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
16
______________________________________________________________________________________
acquisition cycle of the next conversion, and then read-
ing the results of the previous conversion from the bus.
This technique (Figure 10) allows a conversion to be
completed every 16 clock cycles. Note that the switch-
ing of the data bus during acquisition or conversion can
cause additional supply noise, which may make it diffi-
cult to achieve true 12-bit performance.
Layout, Grounding, and Bypassing
For best performance, use printed circuit (PC) boards.
Wire-wrap configurations are not recommended since
the layout should ensure proper separation of analog
and digital traces. Do not run analog and digital lines
parallel to each other, and don’t lay out digital signal
paths underneath the ADC package. Use separate
analog and digital PC board ground sections with only
one “star point” (Figure 11) connecting the two ground
systems (analog and digital). For lowest noise opera-
tion, ensure the ground return to the star ground’s
power supply is low impedance and as short as possi-
ble. Route digital signals far away from sensitive analog
and reference inputs.
High-frequency noise in the power supply, VDD, could
impair operation of the ADC’s fast comparator. Bypass
VDD to the star ground with a network of two parallel
capacitors, 0.1µF and 4.7µF, located as close as to the
MAX1295/MAX1297’s power-supply pin as possible.
Minimize capacitor lead length for best supply-noise
rejection and add an attenuation resistor (5
Ω) if the
power supply is extremely noisy.
Figure 11. Power-Supply and Grounding Connections
Figure 10. Timing Diagram for Fastest Conversion
+3V
+3V
GND
SUPPLIES
DGND
+3V
COM
GND
4.7
µF
0.1
µF
VDD
DIGITAL
CIRCUITRY
MAX1295
MAX1297
*R = 5
*OPTIONAL
CLK
ACQUISITION
CONTROL WORD
CONVERSION
D11–D0
ACQUISITION
SAMPLING INSTANT
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
WR
RD
D7–D0
STATE



CONTROL
WORD
D11–
D0


Similar Part No. - MAX1295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results

Similar Description - MAX1295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com