Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1243BESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1243BESA
Description  2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1243BESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1243BESA Datasheet HTML 1Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 2Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 3Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 4Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 5Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 6Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 7Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 8Page - Maxim Integrated Products MAX1243BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
__________________General Description
The MAX1242/MAX1243 are low-power, 10-bit analog-
to-digital converters (ADCs) available in 8-pin pack-
ages. They operate with a single +2.7V to +5.25V
supply and feature a 7.5µs successive-approximation
ADC, a fast track/hold (1.5µs), an on-chip clock, and a
high-speed, 3-wire serial interface.
Power consumption is only 3mW (VDD = 3V) at the
73ksps maximum sampling speed. A 2µA shutdown
mode reduces power at slower throughput rates.
The MAX1242 has an internal 2.5V reference, while the
MAX1243 requires an external reference. The MAX1243
accepts signals from 0V to VREF, and the reference
input range includes the positive supply rail. An exter-
nal clock accesses data from the 3-wire interface,
which connects directly to standard microcontroller I/O
ports. The interface is compatible with SPI™, QSPI™,
and Microwire™.
Excellent AC characteristics and very low power com-
bined with ease of use and small package size make
these converters ideal for remote-sensor and data-
acquisition applications, or for other circuits with
demanding power consumption and space require-
ments. The MAX1242/MAX1243 are available in 8-pin
DIP and SO packages.
Applications
Portable Data Logging
Process Control Monitoring
Test Equipment
Temperature Measurement
Isolated Data Acquisition
________________________________Features
o +2.7V to +5.25V Single-Supply Operation
o 10-Bit Resolution
o Internal 2.5V Reference (MAX1242)
o Small Footprint: 8-Pin DIP and SO Packages
o Low Power: 3.7mW (73ksps, MAX1242)
3mW (73ksps, MAX1243)
66µW (1ksps, MAX1243)
5µW (power-down mode)
o Internal Track/Hold
o SPI™/QSPI™/Microwire™ 3-Wire Serial Interface
o Pin-Compatible 12-Bit Upgrades:
MAX1240/MAX1241
+2.7V to +5.25V, Low-Power, 10-Bit
Serial ADCs in SO-8
________________________________________________________________
Maxim Integrated Products
1
19-1156; Rev 2; 6/98
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
Note:
Order the MAX1242A in place of the MAX1242C. Order the
MAX1242B in place of the MAX1242D.
________________Functional Diagram
7
AIN
T/H
DOUT
6
1
5
OUTPUT
SHIFT
REGISTER
CONTROL
LOGIC
2.5V
REFERENCE
MAX1242 ONLY
INT
CLOCK
10-BIT
SAR
8
2
3
REF
4
SHDN
SCLK
CS
MAX1242
MAX1243
VDD
GND
TOP VIEW
1
2
3
4
8
7
6
5
SCLK
CS
DOUT
GND
REF
SHDN
AIN
VDD
DIP/SO
MAX1242
MAX1243
Pin Configuration
_________________Ordering Information
±1
8 Plastic DIP
-40°C to +85°C
MAX1242BEPA
±1/2
8 Plastic DIP
-40°C to +85°C
MAX1242AEPA
±1/2
8 SO
0°C to +70°C
MAX1242ACSA
±1
±1
±1/2
INL
(LSB)
8 SO
8 Plastic DIP
8 Plastic DIP
PIN-
PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX1242BCSA
MAX1242BCPA
MAX1242ACPA
PART


Similar Part No. - MAX1243BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1243BESA++ MAXIM-MAX1243BESA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
More results

Similar Description - MAX1243BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com