Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-785T6 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-785T6
Description  Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-785T6 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-785T6 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-785T6 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Product Consistency Distribution Charts at 0.6 GHz, Vd = 3 V, Id = 10mA
Figure 2. Vref @ 3V 10mA, LSL=-0.75, Nominal=-
0.61, USL=-0.47
Figure 5. IIP3 @ 0.6GHz 3V 10mA, LSL=-0.5,
Nominal=1.1
Note:
1. Measurement uses the test board and circuit schematics shows in Figure 1a.
2. Distribution data based on 500 part sample size from two wafer lots during initial characterization of this product. Future wafers allocated to this
product may have nominal values anywhere between upper and lower limits.
Figure 3. NF @ 0.6GHz 3V 10mA, Nominal=1.5,
USL=1.8
Figure 4. Gain @ 0.6GHz 3V 10mA, LSL=14.25,
Nominal=15.70, USL=17.25
Figure 6. IL_bypass @ 0.6GHz 3V 0mA, LSL=-4.0,
Nominal=-2.6
Figure 7. IIP3_bypass @ 0.6GHz 3V 0mA,
LSL=26.5, Nominal=29.5


Similar Part No. - MGA-785T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
More results

Similar Description - MGA-785T6

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com