Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-665P8 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-665P8
Description  0.5 ??6 GHz Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-665P8 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-665P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-665P8 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
MGA-665P8 Typical Noise Parameters, TC = 25°C, ZO = 50 Ω, VD = 3 V, VC= 0 V, ID = 20.5 mA[12]
Freq
NFmin
Gamma Opt
(GHz)
(dB)
Mag
Ang (deg)
Rn @ 50 ohm
NF50 (dB)
0.5
1.48
0.61
26.8
0.61
2.49
1.0
1.27
0.54
32.1
0.35
1.83
1.5
1.10
0.53
42.0
0.30
1.62
2.0
1.08
0.55
44.3
0.31
1.65
2.4
1.18
0.50
53.2
0.29
1.67
2.8
1.24
0.48
61.3
0.27
1.70
3.2
1.32
0.45
69.3
0.24
1.71
3.5
1.36
0.43
75.9
0.23
1.73
4.0
1.45
0.37
88.6
0.20
1.74
4.5
1.50
0.34
97.9
0.18
1.75
5.0
1.46
0.34
102.9
0.16
1.69
5.2
1.42
0.35
107.8
0.15
1.67
5.4
1.42
0.35
111.3
0.14
1.66
5.6
1.40
0.36
114.3
0.13
1.65
5.8
1.40
0.36
120.1
0.13
1.67
6.0
1.46
0.34
128.3
0.13
1.72
7.0
2.08
0.36
148.2
0.11
2.37
8.0
3.35
0.30
176.0
0.14
3.55
9.0
5.50
0.21
-150.6
0.36
5.61
10.0
8.74
0.11
-106.6
1.00
8.77
25
5
0
0.5 1.5
4.5 5.5
7.5 8.5 9.5
20
3.5
2.5
6.5
10
15
6
2
1
5
3
4
MAG
GAIN
NFmin
NF50


Similar Part No. - MGA-665P8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-665P8 HP-MGA-665P8 Datasheet
188Kb / 14P
   GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-665P8-BLK HP-MGA-665P8-BLK Datasheet
188Kb / 14P
   GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier
MGA-665P8-TR1 HP-MGA-665P8-TR1 Datasheet
188Kb / 14P
   GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier
MGA-665P8-TR2 HP-MGA-665P8-TR2 Datasheet
188Kb / 14P
   GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier
More results

Similar Description - MGA-665P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
   0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Teledyne Technologies I...
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
logo
Tyco Electronics
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
   Low Noise Amplifier 0.5 - 3.0 GHz
MAAL-007304 MACOM-MAAL-007304 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-665P8 HP-MGA-665P8 Datasheet
188Kb / 14P
   GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier
logo
Broadcom Corporation.
DEMO-MGA-665P8A BOARDCOM-DEMO-MGA-665P8A Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com