Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1282BEUE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1282BEUE
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1282BEUE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1282BEUE Datasheet HTML 2Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 3Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 4Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 5Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 6Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 7Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 8Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 9Page - Maxim Integrated Products MAX1282BEUE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 12-Bit ADCs with Internal Reference
6
_______________________________________________________________________________________
VDD1 =
VDD2 =
3.6V
ISOURCE = 0.5mA
VDD1 = VDD2 = 2.7V to 3.6V, midscale input
CONDITIONS
mA
2.5
3.5
IVDD1 +
IVDD2
Supply Current
V
2.7
3.6
VDD1,
VDD2
V
VDD2 - 0.5V
VOH
Output Voltage High
Positive Supply Voltage
(Note 9)
1.3
2.0
Normal operating mode (Note 10)
Reduced-power mode (Note 11)
0.9
1.5
Fast power-down mode (Note 11)
Full power-down mode (Note 11)
µA
2.0
10
mV
±0.5
±2.0
PSR
Power-Supply Rejection
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
V
0.4
VOL
Output Voltage Low
CS = VDD2
µA
±10
IL
Three-State Leakage Current
CS = VDD2
pF
15
COUT
Three-State Output Capacitance
ELECTRICAL CHARACTERISTICS—MAX1283 (continued)
(VDD1 = VDD2 = +2.7V to +3.6V, COM = GND, fOSC = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS—MAX1282
(Figures 1, 2, 5, 6; VDD1 = VDD2 = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.)
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CONDITIONS
ns
100
tCSW
CS Pulse Width High
ns
65
tSTE
CS Fall to SSTRB Enable
ns
65
tDOE
CS Fall to DOUT Enable
ns
10
65
tSTD
CS Rise to SSTRB Disable
ns
10
65
tDOD
CS Rise to DOUT Disable
ns
80
tSTV
SCLK Rise to SSTRB Valid
ns
80
tDOV
SCLK Rise to DOUT Valid
ns
62
tCL
SCLK Pulse Width Low
ns
62
tCH
ns
156
tCP
SCLK Period
SCLK Pulse Width High
ns
10
20
tSTH
SCLK Rise to SSTRB Hold
ns
10
20
tDOH
SCLK Rise to DOUT Hold
ns
35
tCS1
CS Rise to SCLK Rise Ignore
ns
35
tCSO
SCLK Rise to CS Fall Ignore
ns
35
tDS
DIN to SCLK Setup
ns
0
tDH
DIN to SCLK Hold
ns
35
tCSS
CS Fall to SCLK Rise Setup
ns
0
tCSH
SCLK Rise to CS Rise Hold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER SUPPLY


Similar Part No. - MAX1282BEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1282EVC16 MAXIM-MAX1282EVC16 Datasheet
110Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
MAX1282EVKIT MAXIM-MAX1282EVKIT Datasheet
110Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
More results

Similar Description - MAX1282BEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com