Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-637P8 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-637P8
Description  High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-637P8 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-637P8_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Electrical Specifications[1, 4]
TA = 25° C, Vdd = Vbias1 = 4.8 V, RF measurement at 1.7 GHz, measured on demo board in Figure 5 with component listed
in Table1.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Idd
Bias Current
mA
59
75
101
IPwrDwn
Current at VPwrDwn pin when VPwrDwn = 3.3 V
(Power Down mode)
mA
0.15
Gain
Gain
dB
16
17.3
19
NF[2]
Noise Figure
dB
0.52
0.75
IIP3[3]
Input Third Order Intercept Point
dBm
21
22.5
OP1dB
Output Power at 1dB Gain Compression
dBm
21.9
IRL
Input Return Loss, 50
 source
dB
13
ORL
Output Return Loss, 50
 load
dB
15.8
Notes:
1. Measurements at 1.7 GHz obtained using demo board described in Figure 5.
2. For NF data, board losses of the input have not been de-embedded.
3. IIP3 test condition: FRF1 = 1.700 GHz, FRF2 = 1.701 GHz with input power of -10 dBm per tone.
4. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.
Product Consistency Distribution Charts [1, 2]
Figure 1. Idd, LSL = 59 mA , nominal = 75 mA, USL = 101 mA
Figure 2. NF, nominal = 0.52 dB, USL = 0.75 dB
Figure 3. IIP3, LSL = 21 dBm, nominal = 22.5 dBm
Figure 4. Gain, LSL = 16 dB, nominal = 17.3 dB, USL = 19 dB
Notes:
1. Distribution data sample size is 500 samples taken from 3 different wafer lots. Future wafers allocated to this product may have nominal values
anywhere between the upper and lower limits.
2. Circuit trace losses have not been de-embedded from measurements above.
LSL
USL
USL
0.4
0.5
0.6
0.7
0.8
50
60
80
90
100
70
LSL
21
22
24
23
LSL
USL
16
17
18
19


Similar Part No. - MGA-637P8_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8-BLKG AVAGO-MGA-637P8-BLKG Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-637P8-TR1G AVAGO-MGA-637P8-TR1G Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
More results

Similar Description - MGA-637P8_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com