Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-632P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-632P8
Description  Low Noise, High Linearity Active Bias Low Noise Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-632P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-632P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-632P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
MGA-632P8 Absolute Maximum Rating [1]
Symbol
Parameter
Units
Absolute Max.
Vd
Device Supply Voltage
V
5.5
Pin,max (ON)
CW RF Input Power
(Vd = 4.0V, Vbias=4.0V)
dBm
20
Pin,max(OFF)
CW RF Input Power
(Vd=4.0V, Vbias=0V)
dBm
25
Pdiss
Total Power Dissipation [2]
W
0.55
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3] (Vd = 4.0V, Vbias=4.0V), θjc = 47 °C/W
Notes:
1. Operation of this device in excess of any of these limits may cause permanent damage.
2. Board temperature TB is 25 °C. Derate 21.2mW/ °C for TB>124 °C.
3. Thermal resistance measured using Infra-Red Microscopy Technique.
Note:
4. Distribution data sample size is 500 samples taken from 3 different wafer lots. Future wafer allocated to this product may have nominal values
anywhere between the upper and lower limits. Circuit losses have been de-embedded from actual measurements.
Product Consistency Distribution Charts [4]
Figure 1. Gain distribution at 57mA
Figure 2. NF distribution at 57mA
Figure 3. Id distribution at 57mA
CPK Lower = 2.78
CPK Upper = 2.47
Std Dev = 0.19
Process Capability for Gain
LSL = 16.0
Nominal = 17.65
USL = 19.0
Gain (dB)
16
16.5
17
17.5
18
18.5
19
0
40
80
120
160
200
240
Process Capability for NF
Nominal = 0.62
USL = 1.0
CPK = 5.06
Std Dev = 0.025
NF (dB)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
40
80
120
160
200
240
Process Capability for Vbias
10000
20000
30000
45
50
55
60
65
70
Id (mA)
LSL = 44
Nominal = 57
USL = 70
CPK Lower = 2.60
CPK Upper = 2.62
Std Dev = 1.22
Figure4. OIP3U distribution at 57mA.
100
200
300
400
500
31
32
33
34
35
36
37
OIP3U
LSL = 31.3
Nominal = 33.9
CPK = 1.553
Std Dev = 0.546


Similar Part No. - MGA-632P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8-TR1G AVAGO-MGA-632P8-TR1G Datasheet
631Kb / 18P
   MGA-632P8 Low Noise, High Linearity Active Bias Low Noise Amplifier
More results

Similar Description - MGA-632P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-633P8 BOARDCOM-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8-TR1G AVAGO-MGA-632P8-TR1G Datasheet
631Kb / 18P
   MGA-632P8 Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
MGA-13516 BOARDCOM-MGA-13516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com