Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX127AENG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX127AENG
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX127AENG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX127AENG Datasheet HTML 1Page - Maxim Integrated Products MAX127AENG Datasheet HTML 2Page - Maxim Integrated Products MAX127AENG Datasheet HTML 3Page - Maxim Integrated Products MAX127AENG Datasheet HTML 4Page - Maxim Integrated Products MAX127AENG Datasheet HTML 5Page - Maxim Integrated Products MAX127AENG Datasheet HTML 6Page - Maxim Integrated Products MAX127AENG Datasheet HTML 7Page - Maxim Integrated Products MAX127AENG Datasheet HTML 8Page - Maxim Integrated Products MAX127AENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7 to AGND ......................................................... ±16.5V
REF to AGND..............................................-0.3V to (VDD + 0.3V)
REFADJ to AGND.......................................-0.3V to (VDD + 0.3V)
A0, A1, A2 to DGND...................................-0.3V to (VDD + 0.3V)
SHDN, SCL, SDA to DGND ......................................-0.3V to +6V
Max Current into Any Pin ....................................................50mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Narrow DIP (derate 13.33mW/°C above +70°C)..1067mW
28-Pin SSOP (derate 9.52mW/°C above +70°C) ...............762mW
Operating Temperature Ranges
MAX127_ C_ _/MAX128_ C_ _ .............................0°C to +70°C
MAX127_ E_ _/MAX128_ E_ _ ..........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................+300°C
MAX127A/MAX128A
4kHz, VIN = ±5V (Note 3)
Up to the 5th harmonic
Bipolar
MAX127B/MAX128B
Unipolar
CONDITIONS
10
Aperture Jitter
ns
200
Aperture Delay
dB
-86
Channel-to-Channel Crosstalk
dB
81
SFDR
Spurious-Free Dynamic Range
dB
-87
-80
THD
Total Harmonic Distortion
dB
70
LSB
±1/2
INL
Integral Nonlinearity
Bits
12
Resolution
±0.3
LSB
±0.1
Channel-to-Channel Offset
Error Matching
±10
±5
±1
LSB
±1
DNL
Differential Nonlinearity
LSB
±3
Offset Error
±5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Bipolar
Unipolar
5
ppm/°C
3
Gain Tempco (Note 2)
±10
±7
LSB
±7
Gain Error (Note 2)
±10
SINAD
Signal-to-Noise plus Distortion
Ratio
ns
Bipolar
Unipolar
Bipolar
MAX127B/MAX128B
MAX127B/MAX128B
Unipolar
MAX127B/MAX128B
MAX127B/MAX128B
MAX127A/MAX128A
MAX127A/MAX128A
MAX127A/MAX128A
MAX127A/MAX128A
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF; external clock, fCLK = 400kHz;
TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
DYNAMIC SPECIFICATIONS (800Hz sine-wave input, ±10Vp-p (MAX127) or ±4.096Vp-p (MAX128), fSAMPLE = 8ksps)
DC, VIN = ±16.5V
-96
ACCURACY (Note 1)


Similar Part No. - MAX127AENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270-MAX1271 MAXIM-MAX1270-MAX1271 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACAI MAXIM-MAX1270ACAI Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACAI MAXIM-MAX1270ACAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270ACNG MAXIM-MAX1270ACNG Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results

Similar Description - MAX127AENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com