Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1280 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1280
Description  400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1280 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1280 Datasheet HTML 4Page - Maxim Integrated Products MAX1280 Datasheet HTML 5Page - Maxim Integrated Products MAX1280 Datasheet HTML 6Page - Maxim Integrated Products MAX1280 Datasheet HTML 7Page - Maxim Integrated Products MAX1280 Datasheet HTML 8Page - Maxim Integrated Products MAX1280 Datasheet HTML 9Page - Maxim Integrated Products MAX1280 Datasheet HTML 10Page - Maxim Integrated Products MAX1280 Datasheet HTML 11Page - Maxim Integrated Products MAX1280 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Typical Operating Characteristics
(MAX1280: VDD1 = VDD2 = 5.0V, fSCLK = 6.4MHz; MAX1281: VDD1 = VDD2 = 3.0V, fSCLK = 4.8MHz; CLOAD = 20pF, 4.7µF capacitor
at REF, 0.01µF capacitor at REFADJ, TA = +25°C, unless otherwise noted.)
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel,
Serial 12-Bit ADCs with Internal Reference
8
_______________________________________________________________________________________
0
1500 2000
500 1000
2500 3000 3500 4000 4500
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-0.1
-0.3
0.1
0.3
0.5
-0.2
0
0.2
0.4
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
1000
500
1500 2000 2500 3000 3500 4000 4500
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3.5
3.0
2.5
2.0
1.5
2.5
4.0
3.0
3.5
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY
VOLTAGE (CONVERTING)
SUPPLY VOLTAGE (V)
2.0
2.4
2.2
2.8
2.6
3.0
3.2
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX1281
MAX1280
NORMAL OPERATION (PD1 = PD0 = 1)
REDP (PD1 = 1, PD0 = 0)
FASTDP (PD1 = 0, PD0 = 1)
0
0.5
1.5
1.0
2.0
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY
VOLTAGE (STATIC)
SUPPLY VOLTAGE (V)
0
0.5
1.5
1.0
2.0
2.5
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
(STATIC)
TEMPERATURE (°C)
MAX1280 (PD1 = 1, PD0 = 1)
MAX1280 (PD1 = 1, PD0 = 0)
MAX1280 (PD1 = 0, PD0 = 1)
MAX1281 (PD1 = 1, PD0 = 1)
MAX1281 (PD1 = 1, PD0 = 0)
MAX1281 (PD1 = 0, PD0 = 1)
0
1
3
2
4
5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
(PD1 = PD0 = 0)
0
0.5
1.5
1.0
2.0
2.5
-40
0
-20
20
40
60
80
100
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1281
MAX1280
(PD1 = PD0 = 0)
2.4995
2.4997
2.5001
2.4999
2.5003
2.5005
2.5
3.5
3.0
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)


Similar Part No. - MAX1280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP++ MAXIM-MAX1280BEUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280EVC16 MAXIM-MAX1280EVC16 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280EVKIT MAXIM-MAX1280EVKIT Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
More results

Similar Description - MAX1280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com